データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC-1250B2F1T データシート(PDF) 2 Page - Delta Electronics, Inc.

部品番号 LC-1250B2F1T
部品情報  RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DELTA [Delta Electronics, Inc.]
ホームページ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LC-1250B2F1T データシート(HTML) 2 Page - Delta Electronics, Inc.

  LC-1250B2F1T Datasheet HTML 1Page - Delta Electronics, Inc. LC-1250B2F1T Datasheet HTML 2Page - Delta Electronics, Inc. LC-1250B2F1T Datasheet HTML 3Page - Delta Electronics, Inc. LC-1250B2F1T Datasheet HTML 4Page - Delta Electronics, Inc. LC-1250B2F1T Datasheet HTML 5Page - Delta Electronics, Inc. LC-1250B2F1T Datasheet HTML 6Page - Delta Electronics, Inc. LC-1250B2F1T Datasheet HTML 7Page - Delta Electronics, Inc. LC-1250B2F1T Datasheet HTML 8Page - Delta Electronics, Inc. LC-1250B2F1T Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LC-1250xxxxRx Series
DELTA ELECTRONICS, INC.
2
Sep., 2006
Rev. 0E
www.deltaww.com
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Storage Temperature
Ts
-40
85
ºC
Lead Soldering Temperature
TSOLD
260
ºC
Lead Soldering Time
tSOLD
10
Sec.
Supply Voltage
VCC
0
5
V
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Ambient Operating Temperature
TA
0
70
ºC
1
Supply Voltage
VCC
3.135
3.465
V
Note: See ordering information for detail
Electrical Characteristics
(VCC=3.135 V to 3.465 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Transmitter
Transmitter Data Input Voltage-Low
VIL-VCC
-1.81
-1.48
V
Transmitter Data Input Voltage-High
VIH-VCC
-1.16
-0.88
V
Transmitter Disable Input-High
VDISH
2
VCC+0.3
V
Transmitter Disable Input-Low
VDISL
0
0.8
V
Receiver
Data Output Voltage-Low
VOL-VCC
-1.95
-1.62
V
Data Output Voltage-High
VOH-VCC
-1.045
-0.74
V
SD Output Voltage-Low
VSDH-VCC
-1.95
-1.62
V
SD Output Voltage-High
VSDL-VCC
-1.05
-0.74
V
ECL
Family
SD Output Voltage-Low
VSDH-VCC
0.8
V
SD Output Voltage-High
VSDL-VCC
2
V
LVTTL


同様の部品番号 - LC-1250B2F1T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LC-12 ETC1-LC-12 Datasheet
33Kb / 2P
   Magnetic Contact
logo
Sumida Corporation
LC-12 SUMIDA-LC-12 Datasheet
92Kb / 1P
   General Power Transformer
logo
LETEX TECHNOLOGY CORP.
LC-12 LETEX-LC-12 Datasheet
25Kb / 2P
   Magnetic Contact
logo
Sumida Corporation
LC-128 SUMIDA-LC-128 Datasheet
204Kb / 1P
   DC-DC CONVERTER (PIN)
LC-128 SUMIDA-LC-128 Datasheet
132Kb / 1P
   General Power Transformer
More results

同様の説明 - LC-1250B2F1T

メーカー部品番号データシート部品情報
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250RJ3SR-S DELTA-LCP-1250RJ3SR-S Datasheet
361Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
logo
Delta Electronics, Inc.
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
JDS Uniphase Corporatio...
PL-KP1-00-000-06 JDSU-PL-KP1-00-000-06 Datasheet
461Kb / 6P
   RoHS-Compliant Small Form Factor Solder-Down Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com