データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYX90G データシート(PDF) 9 Page - NXP Semiconductors

部品番号 BYX90G
部品情報  High-voltage soft-recovery controlled avalanche rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYX90G データシート(HTML) 9 Page - NXP Semiconductors

  BYX90G Datasheet HTML 1Page - NXP Semiconductors BYX90G Datasheet HTML 2Page - NXP Semiconductors BYX90G Datasheet HTML 3Page - NXP Semiconductors BYX90G Datasheet HTML 4Page - NXP Semiconductors BYX90G Datasheet HTML 5Page - NXP Semiconductors BYX90G Datasheet HTML 6Page - NXP Semiconductors BYX90G Datasheet HTML 7Page - NXP Semiconductors BYX90G Datasheet HTML 8Page - NXP Semiconductors BYX90G Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
1996 Sep 26
9
Philips Semiconductors
Product specification
High-voltage soft-recovery
controlled avalanche rectifier
BYX90G
PACKAGE OUTLINE
DEFINITIONS
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data Sheet Status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
Fig.11 SOD83A.
Dimensions in mm.
The marking band indicates the cathode.
1/1 page = 296 mm (Datasheet)
27 mm
30.7 min
30.7 min
7.5 max
1.35
max
4.5
max
MSA219 - 2
,

,



同様の部品番号 - BYX90G

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYX96 PHILIPS-BYX96 Datasheet
252Kb / 6P
   RECTIFIER DIODES
November 1975
BYX96-1200 PHILIPS-BYX96-1200 Datasheet
252Kb / 6P
   RECTIFIER DIODES
November 1975
logo
New Jersey Semi-Conduct...
BYX96-1200 NJSEMI-BYX96-1200 Datasheet
126Kb / 2P
   RECTIFIER DIODES
logo
NXP Semiconductors
BYX96-1200R PHILIPS-BYX96-1200R Datasheet
252Kb / 6P
   RECTIFIER DIODES
November 1975
logo
New Jersey Semi-Conduct...
BYX96-1200R NJSEMI-BYX96-1200R Datasheet
126Kb / 2P
   RECTIFIER DIODES
More results

同様の説明 - BYX90G

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYX120G PHILIPS-BYX120G Datasheet
25Kb / 4P
   High-voltage soft-recovery controlled avalanche rectifier
1996 Sep 26
BY9200 PHILIPS-BY9200 Datasheet
108Kb / 12P
   Ultra fast high-voltage soft-recovery controlled avalanche rectifier
1998 Dec 04
BYX105G PHILIPS-BYX105G Datasheet
41Kb / 8P
   High-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 13
BYX101G PHILIPS-BYX101G Datasheet
41Kb / 8P
   High-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 13
BYV2100 PHILIPS-BYV2100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
BYV4100 PHILIPS-BYV4100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
BY9300 PHILIPS-BY9300 Datasheet
96Kb / 12P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY9400 PHILIPS-BY9400 Datasheet
67Kb / 8P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
2000 Jan 10
BY8000 PHILIPS-BY8000 Datasheet
55Kb / 10P
   Fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
BY8100 PHILIPS-BY8100 Datasheet
54Kb / 10P
   Very fast high-voltage soft-recovery controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com