データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3966 データシート(PDF) 4 Page - Allegro MicroSystems

部品番号 3966
部品情報  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3966 データシート(HTML) 4 Page - Allegro MicroSystems

  3966_03 Datasheet HTML 1Page - Allegro MicroSystems 3966_03 Datasheet HTML 2Page - Allegro MicroSystems 3966_03 Datasheet HTML 3Page - Allegro MicroSystems 3966_03 Datasheet HTML 4Page - Allegro MicroSystems 3966_03 Datasheet HTML 5Page - Allegro MicroSystems 3966_03 Datasheet HTML 6Page - Allegro MicroSystems 3966_03 Datasheet HTML 7Page - Allegro MicroSystems 3966_03 Datasheet HTML 8Page - Allegro MicroSystems 3966_03 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3966
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
PWM RC Frequency
fosc
CT = 680 pF, RT = 56 kΩ
22.9
25.4
27.9
kHz
PWM Propagation Delay Time
tPWM
Comparator Trip to Source OFF
1.0
1.4
µs
Cycle Reset to Source ON
0.8
1.2
µs
Cross-Over Dead Time
tcodt
1 kΩ
0
.
3
8
.
1
2
.
0
V
5
2
o
t
d
a
o
L
µs
Propagation Delay Times
tpd
IOUT = ±650 mA, 50% to 90%:
ENABLE ON to Source ON
100
ns
ENABLE OFF to Source OFF
500
ns
ENABLE ON to Sink ON
200
ns
ENABLE OFF to Sink OFF
200
ns
PHASE Change to Sink ON
2200
ns
PHASE Change to Sink OFF
200
ns
PHASE Change to Source ON
2200
ns
PHASE Change to Source OFF
200
ns
Thermal Shutdown Temp.
TJ
165
°C
Thermal Shutdown Hysteresis
∆TJ
15
°C
UVLO Enable Threshold
VT(UVLO)+
Increasing VCC
4.1
4.6
V
UVLO Hysteresis
VT(UVLO)hys
0.1
0.6
V
Logic Supply Current
ICC(ON)
VENABLE 1 = VENABLE 2 = 0.8 V
50
mA
ICC(OFF)
VENABLE 1 = VENABLE 2 = 2.4 V
9.0
mA
Limits
s
ti
n
U
.
x
a
M
.
p
y
T
.
n
i
M
s
n
o
it
i
d
n
o
C
t
s
e
T
l
o
b
m
y
S
c
it
s
ir
e
t
c
a
r
a
h
C
ELECTRICAL CHARACTERISTICS at TA = +25°C, VBB = 30 V, VCC = 4.75 V to 5.5 V, VREF = 2 V,
VS = 0 V, 56 k& 680 pF RC to Ground (unless noted otherwise) (cont.)
Control Logic (continued)
NOTES:1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.


同様の部品番号 - 3966_03

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
3966 ALLEGRO-3966 Datasheet
201Kb / 12P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
Pomona Electronics
3966 POMONA-3966 Datasheet
27Kb / 1P
   BNC (Female) To Miniature Banana Plugs
More results

同様の説明 - 3966_03

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com