データシートサーチシステム |
|
3968 データシート(PDF) 2 Page - Allegro MicroSystems |
|
3968 データシート(HTML) 2 Page - Allegro MicroSystems |
2 / 10 page 3968 DUAL FULL-BRIDGE PWM MOTOR DRIVER WITH BRAKE 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright © 1997, 2003 Allegro MicroSystems, Inc. FUNCTIONAL BLOCK DIAGRAM (one-half of circuit shown) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 OUT1B GROUND Dwg. PP-066-3 OUT 1A INPUT1A OUT2A SENSE 1 INPUT1B LOAD SUPPLY REFERENCE INPUT2A INPUT2B SENSE 2 OUT 2B LOGIC SUPPLY RC RC V REF V CC V BB GROUND A3968SA (DIP) ÷4 V CC INPUTA V BB RC R T C T GROUND R S Dwg. FP-036-4 SENSE UVLO & TSD BLANKING GATE Q R S PWM LATCH + – CURRENT-SENSE COMPARATOR INPUTB OSC TO OTHER BRIDGE TO OTHER BRIDGE TO OTHER BRIDGE + TRUTH TABLE INPUTA INPUTB OUTA OUTB Description LLLL Brake mode L H L H “Forward” H L H L “Reverse” H H Z Z Disable Z = High impedance |
同様の部品番号 - 3968_03 |
|
同様の説明 - 3968_03 |