データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SY58620L データシート(PDF) 6 Page - Micrel Semiconductor

部品番号 SY58620L
部品情報  Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58620L データシート(HTML) 6 Page - Micrel Semiconductor

Back Button SY58620L_06 Datasheet HTML 2Page - Micrel Semiconductor SY58620L_06 Datasheet HTML 3Page - Micrel Semiconductor SY58620L_06 Datasheet HTML 4Page - Micrel Semiconductor SY58620L_06 Datasheet HTML 5Page - Micrel Semiconductor SY58620L_06 Datasheet HTML 6Page - Micrel Semiconductor SY58620L_06 Datasheet HTML 7Page - Micrel Semiconductor SY58620L_06 Datasheet HTML 8Page - Micrel Semiconductor SY58620L_06 Datasheet HTML 9Page - Micrel Semiconductor SY58620L_06 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Micrel, Inc.
SY58620L
January 2006
6
M9999-012006-C
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage
(VCC, VCC_TXQ, VCC_RXIN) .........................–0.5V to +4.0V
Input Voltage
LOSLVL.............................................. VREF –1.2V to VCC
LOOPBACK ................................................–0.5V to VCC
/TXEN, /RXEN ............................................–0.5V to VCC
TXVCTRL...............................VREF_CTRL-1.2V to VCC
TXIN, /TXIN.................................................–0.5V to VCC
Source or Sink Current on
TXVT ..................................................................±100mA
LOS ........................................................................±5mA
RXQ, /RXQ...........................................................±25mA
TXQ, /TXQ ...........................................................±25mA
RXIN, /RXIN .........................................................±10mA
TXIN, /TXIN..........................................................±50mA
TXVREF-AC, VREF-CTRL....................................±2mA
Lead Temperature (soldering, 20sec.) ....................... 260°C
Storage Temperature (Ts) ......................... –65°C to +150°C
Operating Ratings
(2)
Supply Voltage
(VCC, VCC_TXQ, VCC_RXIN) ..................+3.0V to +3.6V
Ambient Temperature (TA) ....................–40°C to +85°C
Package Thermal Resistance
(3)
MLF
™ (θJA)
Still-Air.......................................................50°C/W
MLF
™ (ψJB)
Junction-to-Board .....................................30°C/W
DC Electrical Characteristics
(4)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
3
3.3
3.6
V
VCC_TXQ
Transmit Power Supply
3
3.3
3.6
V
VCC_RXIN
Receive Power Supply
3
3.3
3.6
V
ICC
Power Supply Current
No load, max. VCC
100
150
mA
Receiver Input DC Electrical Characteristics
VCC_RXIN = 3.3V ±10%; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
RIN
Input Resistance
(RXIN to VREF)
45
50
55
RDIFF_IN
Input Resistance
(RXIN to /RXIN)
90
100
110
VIN
Input Voltage Swing
(RXIN, /RXIN)
See Figure 5a
AC-coupled
10
900
mV
VDIFF_IN
Differential Input Voltage Swing
|RXIN - /RXIN|
See Figure 5b
AC-coupled
20
1800
mV
VREF
Internal Reference Voltage
VCC_RXIN
-1.48
VCC_RXIN
-1.32
VCC_RXIN
-1.16
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB. θJA and ψJB
values are determined for a 4-layer board in still-air, unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


同様の部品番号 - SY58620L_06

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY58620LMG MICREL-SY58620LMG Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620LMG MICREL-SY58620LMG Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58620LMGTR MICREL-SY58620LMGTR Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58620LMGTR MICREL-SY58620LMGTR Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58620L MICREL-SY58620L_10 Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
More results

同様の説明 - SY58620L_06

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY58620L MICREL-SY58620L Datasheet
662Kb / 18P
   Precision 4.25Gbps CML Backplane Transceiver with Integrated Loopback
SY58621L MICREL-SY58621L Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY58620L MICREL-SY58620L_10 Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58609U MICREL-SY58609U_10 Datasheet
759Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with
SY58606U MICREL-SY58606U_11 Datasheet
698Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer
SY58603U MICREL-SY58603U Datasheet
677Kb / 13P
   4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input
SY58621L MICREL-SY58621L_10 Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY88403BL MICREL-SY88403BL_10 Datasheet
501Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting
SY58606U MICREL-SY58606U_09 Datasheet
581Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com