データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SY88973BL データシート(PDF) 6 Page - Micrel Semiconductor

部品番号 SY88973BL
部品情報  3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88973BL データシート(HTML) 6 Page - Micrel Semiconductor

Back Button SY88973BL Datasheet HTML 2Page - Micrel Semiconductor SY88973BL Datasheet HTML 3Page - Micrel Semiconductor SY88973BL Datasheet HTML 4Page - Micrel Semiconductor SY88973BL Datasheet HTML 5Page - Micrel Semiconductor SY88973BL Datasheet HTML 6Page - Micrel Semiconductor SY88973BL Datasheet HTML 7Page - Micrel Semiconductor SY88973BL Datasheet HTML 8Page - Micrel Semiconductor SY88973BL Datasheet HTML 9Page - Micrel Semiconductor SY88973BL Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
SY88973BL
February 2007
6
M9999-020207-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(4)
VCC = 3.0V to 3.6V; TA = –40°C to +85°C, RLOAD = 50Ω to VCC; typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
PSRR
Power Supply Rejection Ratio
35
dB
tr, tf
Output Rise/Fall Times
(20% to 80%)
Note 7
60
120
ps
tJITTER
Deterministic Random
Note 8
15
5
psPP
psRMS
VID
Differential Input Voltage Swing
10
1800
mVPP
VOD
Differential Output Voltage Swing
Note 7
700
800
950
mVPP
HYS
LOS Hysteresis
Note 9
2
4.6
8
dB
tOFF
LOS Release Time
0.1
0.5
µs
tON
LOS Assert Time
0.2
0.5
µs
VSR
LOS Sensitivity Range
Note 10
10
35
mVPP
B–3dB
–3dB Bandwidth
2.0
GHz
AV(Diff)
Differential Voltage Gain
32
38
dB
S21
Single-Ended Small-Signal Gain
26
32
dB
Notes:
7.
Amplifier in limiting mode. Input is a 200MHz square wave, tr < 300ps.
8.
Deterministic jitter measured using 2.488Gbps K28.5 pattern, VID = 10mVPP. Random jitter measured using 2.488Gbps K28.7 pattern, VID =
10mVPP.
9.
Electrical signal.
10. This is the detectable range of input amplitudes that can assert LOS. The input amplitude to de-assert LOS is 2–8dB higher than the assert
amplitude. See “Typical Operating Characteristics” for graphs showing how to choose a particular VLOSLVL or RLOSLVL for a particular LOS assert,
and its associated de-assert amplitude. If increased LOS sensitivity and hysteresis are required, an application note entitled: “Notes on Sensitivity
and Hysteresis in Micrel Post Amplifiers” is available at http://www.micrel.com/_PDF/HBW/App-Notes/an-45.pdf.


同様の部品番号 - SY88973BL

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY88973BL MICREL-SY88973BL Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88973BLMGTR MICREL-SY88973BLMGTR Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
More results

同様の説明 - SY88973BL

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88403BL MICREL-SY88403BL Datasheet
549Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
logo
Microchip Technology
SY88403BL MICROCHIP-SY88403BL Datasheet
2Mb / 23P
   3.3V 4.25 Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
Revision A February 2022
logo
Micrel Semiconductor
SY88883V MICREL-SY88883V Datasheet
77Kb / 8P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER WITH TTL SD
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY84403BL MICREL-SY84403BL Datasheet
532Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com