データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R-78A1.8-0.5SMD データシート(PDF) 1 Page - Recom International Power

部品番号 R-78A1.8-0.5SMD
部品情報  0.5 AMP SMD Single Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECOM [Recom International Power]
ホームページ  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78A1.8-0.5SMD データシート(HTML) 1 Page - Recom International Power

  R-78A1.8-0.5SMD Datasheet HTML 1Page - Recom International Power R-78A1.8-0.5SMD Datasheet HTML 2Page - Recom International Power R-78A1.8-0.5SMD Datasheet HTML 3Page - Recom International Power R-78A1.8-0.5SMD Datasheet HTML 4Page - Recom International Power R-78A1.8-0.5SMD Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Note 1:1.5V Output can be unstable with Vin>30VDC
0.5 AMP
SMD
Single Output
INNOLINE
DC/DC-Converter
R-78Axx-
0.5SMD
Series
Efficiency up to 97%,Non isolated,
no need for heatsinks
SMD Package
Adjustable Output Voltage
Wide input range.(4.75V ~ 34V)
Short circuit protection, Thermal shutdown
Remote On/Off Control
UL94V-0 Package Material
Very Low Shutdown Current
See Positive-to Negative Converter
Application Note for use as a voltage
inverter (alternative to LM79xx Linear)
Features
Selection Guide
Part
Input
Output
Adjust
Output
Efficiency
Number
Range (1)
Voltage
Range
Current
Min. Vin Max. Vin
SMD
(V)
(V)
(V)
(A)
(%)
(%)
R-78A1.5-0.5SMD
4.75 – 30
1.5
fixed
0.5
73
63
R-78A1.8-0.5SMD
4.75 – 34
1.8
1.5~3.3
0.5
82
71
R-78A2.5-0.5SMD
4.75 – 34
2.5
1.5~4.5
0.5
87
77
R-78A3.3-0.5SMD
4.75 – 34
3.3
1.8~5.5
0.5
91
81
R-78A5.0-0.5SMD
6.5 – 34
5.0
2.5~8.0
0.5
94
86
R-78A6.5-0.5SMD
8.0 – 34
6.5
3.3~11.0
0.5
95
88
R-78A9.0-0.5SMD
11 – 34
9.0
4.5~12.6
0.5
96
92
R-78A12-0.5SMD
15 – 34
12
4.5~12.6
0.5
97
94
R-78A15-0.5SMD
18 – 34
15
fixed
0.5
97
95
120
100
20
60
100
75
0
-40
Operating Temperature (°C)
0
80
50
25
71
Safe Operating Area
85
40
Derating-Graph
(Ambient Temperature)
The R-78Axx-0.5SMD series high efficiency switching regulators are ideally suited to pick-and-place mass
production. The efficiency of up to 97% means that very little energy is wasted as heat. The additional featu-
res of remote on/off control and adjustable output voltages will find many uses in the Battery-powered,
Industrial, Medical and Automotive markets. Low ripple and noise figures and a shutdown input current of
typically only 20uA round off the specifications of this versatile SMD converter series.
Description
27-March-2007
143
www.recom-international.com


同様の部品番号 - R-78A1.8-0.5SMD

メーカー部品番号データシート部品情報
logo
Recom International Pow...
R-78A1.8-1.0SMD RECOM-R-78A1.8-1.0SMD Datasheet
148Kb / 4P
   1.0 AMP SMD Single Output
More results

同様の説明 - R-78A1.8-0.5SMD

メーカー部品番号データシート部品情報
logo
Recom International Pow...
R-78AA-0.5 RECOM-R-78AA-0.5 Datasheet
120Kb / 5P
   0.5 AMP SMD Single Output
R-78HB RECOM-R-78HB Datasheet
104Kb / 4P
   0.5 AMP SIP3 Single Output
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
   0.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
   0.5 AMP SIP3 Wired Single Output
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com