データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R-782.5-1.0 データシート(PDF) 3 Page - Recom International Power

部品番号 R-782.5-1.0
部品情報  1.0 AMP SIP3 Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RECOM [Recom International Power]
ホームページ  http://www.recom-international.com
Logo RECOM - Recom International Power

R-782.5-1.0 データシート(HTML) 3 Page - Recom International Power

  R-782.5-1.0 Datasheet HTML 1Page - Recom International Power R-782.5-1.0 Datasheet HTML 2Page - Recom International Power R-782.5-1.0 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2.54
2.54
Top View
Bottom View
7.55
2.0
0.25
5.08
3.21
2
13
4.10
0.51 typ.
0.7 typ.
10.2
RECOM
R-785.0-1.0
**** Pb
1.00ø+0.15/–0
11.50
RECOM
R-785.0-1.0
**** Pb
Application Examples
INNOLINE
DC/DC-Converter
Package Style and Pinning (mm)
3rd angle
projection
SIP3 PIN Package
+Vin
-Vin
R-785.0-1.0
-15VDC
+15VDC
Com
C1
C2
REC3-0515DRW/H4
- Medical Grade Isolated Dual Outputs
- Wide input range 6.5V to 18V
C1: Optional , C2 : Required (further decoupling filtering
may be necessary between the two converters)
- High Efficiency, Suitable for 12V Battery Powered Devices
+Vin
-Vin
R-78xx-1.0
-Vout
+Vout
C1
C2
DC/DC Converter ( 1:1 )
- Improved loading / line regulation
- Wide Input Voltage Range
- Point-of-Load Architecture
- High isolation voltage
C1: Required (further decoupling filtering may be
necessary between the two converters), C2: Optional
R-78xx-1.0
Series
High efficiency, isolated, dual regulated outputs
Isolated (up to 6KV), wide Input range regulated output
Pin Connections
Pin #
1
+Vin
2
GND
3
+Vout
xx.x ±0.5mm
xx.xx ±0.25mm
Recommended Footprint Details
27-March-2007
www.recom-international.com
150


同様の部品番号 - R-782.5-1.0

メーカー部品番号データシート部品情報
logo
Recom International Pow...
R-782.5-1.0 RECOM-R-782.5-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
More results

同様の説明 - R-782.5-1.0

メーカー部品番号データシート部品情報
logo
Recom International Pow...
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
R-78C-1.0 RECOM-R-78C-1.0 Datasheet
96Kb / 2P
   1.0 AMP SIP3 Single Output
R-78E-1.0 RECOM-R-78E-1.0 Datasheet
311Kb / 3P
   1.0 AMP SIP3 Single Output
R-78K-1.0 RECOM-R-78K-1.0 Datasheet
1Mb / 8P
   1.0 Amp SIP3 Single Output
REV.: 0/2023
R-78B-1.0 RECOM-R-78B-1.0 Datasheet
123Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B-1.0 RECOM-R-78B-1.0_15 Datasheet
93Kb / 4P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com