データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS78XX データシート(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

部品番号 AS78XX
部品情報  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS78XX データシート(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS78XX_07 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS78XX_07 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS78XX_07 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS78XX_07 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS78XX_07 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS78XX_07 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS78XX_07 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS78XX_07 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS78XX_07 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS78XX
Data Sheet
4
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Package
Temperature Range
Part Number
Marking ID
Packing Type
TO-220-3
-40 to 125oC
AS7805T-E1
AS7805T-E1
Tube
AS7808T-E1
AS7808T-E1
Tube
AS7809T-E1
AS7809T-E1
Tube
AS7812T-E1
AS7812T-E1
Tube
AS7815T-E1
AS7815T-E1
Tube
TO-252-2 (1)
-40 to 125oC
AS7805D-E1
AS7805D-E1
Tube
AS7805DTR-E1
AS7805D-E1
Tape & Reel
AS7808D-E1
AS7808D-E1
Tube
AS7808DTR-E1
AS7808D-E1
Tape & Reel
AS7809D-E1
AS7809D-E1
Tube
AS7809DTR-E1
AS7809D-E1
Tape & Reel
AS7812D-E1
AS7812D-E1
Tube
AS7812DTR-E1
AS7812D-E1
Tape & Reel
AS7815D-E1
AS7815D-E1
Tube
AS7815DTR-E1
AS7815D-E1
Tape & Reel
Ordering Information
Circuit Type
Package
AS78XX
T: TO-220-3
-
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
E1: Lead Free
Output Voltage
05: 5V
D: TO-252-2 (1)
TR: Tape and Reel
Blank: Tube
12: 12V
15: 15V
08: 8V
09: 9V


同様の部品番号 - AS78XX_07

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AS78XXA BCDSEMI-AS78XXA Datasheet
1,011Kb / 23P
   1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Diodes Incorporated
AS78XXA DIODES-AS78XXA Datasheet
731Kb / 27P
   1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

同様の説明 - AS78XX_07

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com