データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3080E データシート(PDF) 8 Page - Intersil Corporation

部品番号 CA3080E
部品情報  2MHz, Operational Transconductance Amplifier (OTA)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3080E データシート(HTML) 8 Page - Intersil Corporation

Back Button CA3080E Datasheet HTML 3Page - Intersil Corporation CA3080E Datasheet HTML 4Page - Intersil Corporation CA3080E Datasheet HTML 5Page - Intersil Corporation CA3080E Datasheet HTML 6Page - Intersil Corporation CA3080E Datasheet HTML 7Page - Intersil Corporation CA3080E Datasheet HTML 8Page - Intersil Corporation CA3080E Datasheet HTML 9Page - Intersil Corporation CA3080E Datasheet HTML 10Page - Intersil Corporation CA3080E Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FIGURE 13. PROPAGATION DELAY TEST CIRCUIT AND ASSOCIATED WAVEFORMS
Typical Performance Curves
FIGURE 14. INPUT OFFSET VOLTAGE vs AMPLIFIER BIAS
CURRENT
FIGURE 15. INPUT OFFSET CURRENT vs AMPLIFIER BIAS
CURRENT
FIGURE 16. INPUT BIAS CURRENT vs AMPLIFIER BIAS CURRENT
FIGURE 17. PEAK OUTPUT CURRENT vs AMPLIFIER BIAS
CURRENT
Typical Applications (Continued)
INPUT
OUTPUT
tPLH
tPHL
7
2
CA3080,A
+
-
4
5
6
3
OUT
IN
51
V- = -15V
1N914
1.2M
IABC = 500µA
56k
V+ = 15V
0
0
-50mV
50mV
SUPPLY VOLTS: VS = ±15V
70oC
125oC
90oC
-55oC
25oC
70oC
25oC
125oC
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
90oC
-55oC
SUPPLY VOLTS: VS = ±15V
-55oC
25oC
125oC
103
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
102
10
1
0.1
0.01
SUPPLY VOLTS: VS = ±15V
-55oC
25oC
125oC
104
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
103
102
10
1
0.1
0.1
1
10
100
1000
AMPLIFIER BIAS CURRENT (
µA)
104
103
102
10
1
0.1
SUPPLY VOLTS: VS = ±15V
-55oC
25oC
125oC
LOAD RESISTANCE = 0
CA3080, CA3080A


同様の部品番号 - CA3080E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3080E INTERSIL-CA3080E Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Rochester Electronics
CA3080E ROCHESTER-CA3080E Datasheet
609Kb / 4P
   2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate
logo
Renesas Technology Corp
CA3080E RENESAS-CA3080E Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
List of Unclassifed Man...
CA3080E ETC2-CA3080E Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rochester Electronics
CA3080EX ROCHESTER-CA3080EX Datasheet
609Kb / 4P
   2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate
More results

同様の説明 - CA3080E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com