データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM139JB データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM139JB
部品情報  QUAD DIFFERENTIAL COMPARATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM139JB データシート(HTML) 8 Page - Texas Instruments

Back Button LM139JB Datasheet HTML 4Page - Texas Instruments LM139JB Datasheet HTML 5Page - Texas Instruments LM139JB Datasheet HTML 6Page - Texas Instruments LM139JB Datasheet HTML 7Page - Texas Instruments LM139JB Datasheet HTML 8Page - Texas Instruments LM139JB Datasheet HTML 9Page - Texas Instruments LM139JB Datasheet HTML 10Page - Texas Instruments LM139JB Datasheet HTML 11Page - Texas Instruments LM139JB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
VCC – Supply Voltage – V
T = –55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
VCC – Supply Voltage – V
T = –55°C
A
T = 0°C
A
T = 25°C
A
T = 70°C
A
T = 125°C
A
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
IO – Output Sink Current – mA
T = –55°C
A
T = 25°C
A
T = 125°C
A
LM139
,, LM139A,, LM239,, LM239A
LM339, LM339A, LM2901, LM2901AV, LM2901V
QUAD DIFFERENTIAL COMPARATORS
SLCS006N – OCTOBER 1979 – REVISED NOVEMBER 2006
SUPPLY CURRENT
INPUT BIAS CURRENT
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
OUTPUT SATURATION VOLTAGE
8
Submit Documentation Feedback


同様の部品番号 - LM139JB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM139JB TI-LM139JB Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139JB TI-LM139JB Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139JB TI1-LM139JB Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139JB TI-LM139JB Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139JB TI1-LM139JB Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results

同様の説明 - LM139JB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com