データシートサーチシステム |
|
CA139A データシート(PDF) 4 Page - Intersil Corporation |
|
CA139A データシート(HTML) 4 Page - Intersil Corporation |
4 / 6 page 4 Electrical Specifications V+ = 5V, Unless Otherwise Specified PARAMETER SYMBOL TEST CONDITIONS TEMP (oC) LM2901 LM3302 UNITS MIN TYP MAX MIN TYP MAX Input Offset Voltage VIO VREF =1.4V, RS =0, Output Switch Point V ≅ 1.4V TA =25 - 2 7 - 1 20 mV Note 4 - - 15- - 40mV Differential Input Voltage VID Keep All Inputs ≥ 0V, or V- (if used), (Note 5) Note 4 - - 36 - - 28 V Saturation Voltage VSAT VI-= 1V, VI+= 0V, ISINK ≤ 4mA TA = 25 - 250 400 - 250 500 mV Note 4 - - 700 - - 700 mV Common Mode Input Voltage Range VICR Note 6 TA =25 0 - V+ - 1.5 0 - V+-1.5 V Note 4 0 - V+- 2 0 - V+-2 V Input Offset Current IIO II+- II-TA = 25 - 5 50 - 3 100 nA Note 4 - - 200 - - 300 nA Input Bias Current IIB II+or II-with Output in Linear Range TA = 25 - 25 250 - 25 500 nA Note 4 - - 500 - - 1000 nA Total Supply Current I+ RL = ∞ on All Comparators TA =25 - 0.8 2 - 0.8 2 mA Output Leakage Current VI+ ≥ 1V, VI-= 0V, VO =5V TA =25 - 0.1 - - 0.1 - nA VI+ ≥ 1V, VI-= 0V, VO =30V Note 4 - - 1 - - 1 µA Output Sink Current VI- ≥ 1V, VI+= 0V, VO ≤ 1.5V TA =25 6 16 - 6 16 - mA Voltage Gain AOL RL ≥ 15kΩ,V+= 15V TA =25 25 100 - 2 30 - V/mV Large Signal Response Time VI = TTL Logic Swing, VREF =1.4V, VRL =5V, RL =5.1kΩ TA = 25 - 300 - - 300 - ns Response Time (Figures 3, 4) VRL =5V, RL =5.1kΩ TA =25 - 1.3 - - 1.3 - µs Typical Performance Curves FIGURE 1. SUPPLY CURRENT vs SUPPLY VOLTAGE FIGURE 2. INPUT CURRENT vs SUPPLY VOLTAGE 1.0 0.8 0.6 0.4 0.2 0 102030 POSITIVE SUPPLY VOLTAGE (V) RL = ∞ 0oC -55oC 25oC 70oC 125oC VIC =0V 60 50 40 20 10 0 10 203040 -55oC RIC =10 9Ω POSITIVE SUPPLY VOLTAGE (V) 0oC 25oC 70oC 125oC 30 CA139, CA139A, CA239, CA339, LM339, LM2901, LM3302 |
同様の部品番号 - CA139A |
|
同様の説明 - CA139A |