データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD22301 データシート(PDF) 4 Page - Intersil Corporation

部品番号 CD22301
部品情報  Monolithic PCM Repeater
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22301 データシート(HTML) 4 Page - Intersil Corporation

  CD22301_02 Datasheet HTML 1Page - Intersil Corporation CD22301_02 Datasheet HTML 2Page - Intersil Corporation CD22301_02 Datasheet HTML 3Page - Intersil Corporation CD22301_02 Datasheet HTML 4Page - Intersil Corporation CD22301_02 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
CD22301
FIGURE 2. CLOCK INTERFACE CIRCUIT
FIGURE 3. PHASE-SHIFT INTERFACE CIRCUITS
FIGURE 4. DC AND OUTPUT PULSE TEST CIRCUIT
FIGURE 5. TEST CIRCUIT FOR IMPEDANCE MEASUREMENT
16
15
VCC
TO AMPLIFIER
VEE
5.1K
5.1K
FROM CLOCK
THRESHOLD DETECTOR
13
12
5.5K
VCC
VEE
FROM
LIMITER
12K
VEE
VCC
TO TIMING
PULSE
AMPLIFIER
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
0.1
µF
0.001
µF
0.1
µF
8.2k
8.2k
0.68
µF
1
µF
91k
0.1
µF
3.83k
Ω 100µH
130
130
20
pF
L1
C1
VCC = 5.1V
PULSE OUTPUT
C1 AND L1
RESONATE AT 1.272MHz
eIN
(NOTE)
(NOTE)
NOTE:
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
0.1
µF
0.01
µF
5K
VCC = 5.1V


同様の部品番号 - CD22301_02

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD22301E INTERSIL-CD22301E Datasheet
58Kb / 6P
   Monolithic PCM Repeater
January 1997
More results

同様の説明 - CD22301_02

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD22301 INTERSIL-CD22301 Datasheet
58Kb / 6P
   Monolithic PCM Repeater
January 1997
logo
National Semiconductor ...
TP3040 NSC-TP3040 Datasheet
183Kb / 10P
   TP3040, TP3040A PCM Monolithic Filter
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
Ultralife Corporation.
UBP103450 ULTRALIFE-UBP103450 Datasheet
466Kb / 2P
   PCM
Rev: L
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com