データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD22202 データシート(PDF) 4 Page - Intersil Corporation

部品番号 CD22202
部品情報  5V Low Power DTMF Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22202 データシート(HTML) 4 Page - Intersil Corporation

  CD22202 Datasheet HTML 1Page - Intersil Corporation CD22202 Datasheet HTML 2Page - Intersil Corporation CD22202 Datasheet HTML 3Page - Intersil Corporation CD22202 Datasheet HTML 4Page - Intersil Corporation CD22202 Datasheet HTML 5Page - Intersil Corporation CD22202 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
CD22202, CD22203
FIGURE 2. CRYSTAL OSCILLATOR
HEX/B28
This pin selects the format of the digital output code. When
HEX/B28 is tied high, the output is hexadecimal. When tied
low, the output is binary coded 2-of-8. The following table
describes the two output codes.
ED
This pin, on the CD22203 only, indicates the presence of fre-
quencies which are likely to be DTMF digits, but have not yet
been verified by a DV signal. It is comparable to a “button-
down” output, and it is useful as an EARLY DETECT signal to
interrupt a microprocessor for digit storage and validation.
DV and CLRDV
DV signals a detection by going high after a valid tone pair is
sensed and decoded at the output pins D1, D2, D4, and D8.
DV remains high until a valid pause occurs or CLRDV is
raised high, whichever is sooner. This handshake can save
microprocessor time.
DTMF Dialing Matrix
IN1633
When tied high, this pin inhibits detection of tone pairs con-
taining the 1633Hz component. For detection of all 16 stan-
dard digits, IN1633 must be tied low.
N/C Pin
This pin has no internal connection and should be left floating.
Digital Inputs and Outputs
All digital inputs and outputs of the DTMF receivers are rep-
resented by the schematic below. Only the “analog in” pin is
different, and is described above. Care must be exercised
not to exceed the voltage or current ratings on these pins as
listed in the “maximum ratings” section.
FIGURE 3. DIGITAL INPUTS AND OUTPUTS
Input Filter
The CD22202 and CD22203 will tolerate total input noise of
a maximum of 12dB below the lowest amplitude tone. For
most telephone applications, the combination of the high
frequency attenuation of the telephone line and internal
band limiting make special circuitry at the input to these
receivers unnecessary. However, noise near the 56kHz
internal sampling frequency will be aliased (folded back)
TABLE 1. OUTPUT CODES
DIGIT
HEXADECIMAL
BINARY CODED 2-OF-8
D8
D4
D2
D1
D8
D4
D2
D1
1
0
00
10
00
0
2
0
01
00
00
1
3
0
01
10
01
0
4
0
10
00
10
0
5
0
10
10
10
1
6
0
11
00
11
0
7
0
11
11
00
0
8
1
00
01
00
1
9
1
00
11
01
0
0
1
01
01
10
1
*
1
01
11
10
0
#
1
10
01
11
0
A
1
10
10
01
1
B
1
11
00
11
1
C
1
11
11
01
1
D
0
00
01
11
1
XEN
XEN
CD22202/22203
12
11
8
13
ATB
XIN
3.579545MHz
VDD
XOUT
1M
12
13
8
XIN CONNECTED TO VDD
UP TO 10 DEVICES
CD22202/22203
COL 0
1209Hz
COL 1
1336Hz
COL 2
1477Hz
COL 3
1633Hz
ROW 0
697Hz
ROW 1
770Hz
ROW 2
852Hz
ROW 3
941Hz
NOTE: Column 3 is for special applications and is not normally used
in telephone dialing.
1
2
3
A
4
5
6
B
7
8
9
C
*
0
#
D
VDD
VSS
CMOS
DIGITAL
CIRCUITRY
DIGITAL
OUTPUT
DIGITAL
INPUT


同様の部品番号 - CD22202

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD22202 INTERSIL-CD22202 Datasheet
49Kb / 6P
   5V Low Power DTMF Receiver
January 1997
CD22202E INTERSIL-CD22202E Datasheet
49Kb / 6P
   5V Low Power DTMF Receiver
January 1997
More results

同様の説明 - CD22202

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SSI75T202 ETC1-SSI75T202 Datasheet
95Kb / 8P
   5V LOW POWER DTMF RECEIVER
SSI204 ETC1-SSI204 Datasheet
54Kb / 4P
   5V LOW POWER DTMF RECEIVER
logo
Intersil Corporation
CD22202 INTERSIL-CD22202 Datasheet
49Kb / 6P
   5V Low Power DTMF Receiver
January 1997
CD22204 INTERSIL-CD22204 Datasheet
44Kb / 5P
   5V Low Power Subscriber DTMF Receiver
February 1999
logo
List of Unclassifed Man...
75T204 ETC-75T204 Datasheet
63Kb / 9P
   5V Low-Power Subscriber DTMF Receiver
logo
Intersil Corporation
CD22204 INTERSIL-CD22204_02 Datasheet
128Kb / 5P
   5V Low Power Subscriber DTMF Receiver
logo
Samsung semiconductor
KT3170 SAMSUNG-KT3170 Datasheet
117Kb / 7P
   LOW POWER DTMF RECEIVER
S5T3170 SAMSUNG-S5T3170 Datasheet
140Kb / 10P
   LOW POWER DTMF RECEIVER
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com