データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULN2803ADWRG4 データシート(PDF) 3 Page - Texas Instruments

部品番号 ULN2803ADWRG4
部品情報  DARLINGTON TRANSISTOR ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

ULN2803ADWRG4 データシート(HTML) 3 Page - Texas Instruments

  ULN2803ADWRG4 Datasheet HTML 1Page - Texas Instruments ULN2803ADWRG4 Datasheet HTML 2Page - Texas Instruments ULN2803ADWRG4 Datasheet HTML 3Page - Texas Instruments ULN2803ADWRG4 Datasheet HTML 4Page - Texas Instruments ULN2803ADWRG4 Datasheet HTML 5Page - Texas Instruments ULN2803ADWRG4 Datasheet HTML 6Page - Texas Instruments ULN2803ADWRG4 Datasheet HTML 7Page - Texas Instruments ULN2803ADWRG4 Datasheet HTML 8Page - Texas Instruments ULN2803ADWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ULN2803A
DARLINGTON TRANSISTOR ARRAY
SLRS049E − FEBRUARY1997 − REVISED JULY 2006
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings at 25
°C free-air temperature (unless otherwise noted)
Collector-emitter voltage
50 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous collector current
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp diode current
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total substrate-terminal current
−2.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): DW package
73.14
°C/W
. . . . . . . . . . . . . . . . . . . . . . .
N package
62.66
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, unless otherwise noted, are with respect to the emitter/substrate terminal GND.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
electrical characteristics at 25
°C free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICEX
Collector cutoff current
VCE = 50 V,
See Figure 1
II = 0,
50
µA
II(off)
Off-state input current
VCE = 50 V,
TA = 70°C,
IC = 500 µA,
See Figure 2
50
65
µA
II(on)
Input current
VI = 3.85 V,
See Figure 3
0.93
1.35
mA
VCE = 2 V,
IC = 200 mA
2.4
VI(on)
On-state input voltage
VCE = 2 V,
See Figure 4
IC = 250 mA
2.7
V
VI(on)
On-state input voltage
See Figure 4
IC = 300 mA
3
V
II = 250 µA,
See Figure 5
IC = 100 mA,
0.9
1.1
VCE(sat)
Collector-emitter saturation voltage
II = 350 µA,
See Figure 5
IC = 200 mA,
1
1.3
V
II = 500 µA,
See Figure 5
IC = 350 mA,
1.3
1.6
IR
Clamp diode reverse current
VR = 50 V,
See Figure 6
50
µA
VF
Clamp diode forward voltage
IF = 350 mA,
See Figure 7
1.7
2
V
Ci
Input capacitance
VI = 0 V,
f = 1 MHz
15
25
pF
switching characteristics at 25
°C free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
VS = 50 V,
RL = 163 Ω,
130
ns
tPHL
Propagation delay time, high- to low-level output
VS = 50 V,
CL = 15 pF,
RL = 163 Ω,
See Figure 8
20
ns
VOH
High-level output voltage after switching
VS = 50 V,
See Figure 9
IO ≈ 300 mA,
VS − 20
mV


同様の部品番号 - ULN2803ADWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
ULN2803ADWRG4 TI-ULN2803ADWRG4 Datasheet
436Kb / 12P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
More results

同様の説明 - ULN2803ADWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
ULQ2003A TI-ULQ2003A Datasheet
143Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1287 SANYO-LB1287 Datasheet
76Kb / 3P
   Darlington Transistor Array
logo
Texas Instruments
ULN2803A TI-ULN2803A_09 Datasheet
436Kb / 12P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
ULN2803A TI-ULN2803A Datasheet
240Kb / 10P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAY
logo
List of Unclassifed Man...
FT5761M ETC1-FT5761M Datasheet
6Kb / 1P
   DARLINGTON TRANSISTOR ARRAY
logo
Fujitsu Component Limit...
FT5763M FUJITSU-FT5763M Datasheet
132Kb / 2P
   SILICON DARLINGTON TRANSISTOR ARRAY
FT5754M FUJITSU-FT5754M Datasheet
135Kb / 2P
   SILICON DARLINGTON TRANSISTOR ARRAY
FT5764M FUJITSU-FT5764M Datasheet
130Kb / 2P
   SILICON DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULN2803C TI-ULN2803C Datasheet
1Mb / 20P
[Old version datasheet]   ULN2803C Darlington Transistor Array
AUGUST 2022
logo
First Silicon Co., Ltd
FD62003AP FS-FD62003AP Datasheet
259Kb / 6P
   7 CIRCUIT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com