データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3304 データシート(PDF) 4 Page - Intersil Corporation

部品番号 CA3304
部品情報  4-Bit, 25 MSPS, Flash A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3304 データシート(HTML) 4 Page - Intersil Corporation

  CA3304_02 Datasheet HTML 1Page - Intersil Corporation CA3304_02 Datasheet HTML 2Page - Intersil Corporation CA3304_02 Datasheet HTML 3Page - Intersil Corporation CA3304_02 Datasheet HTML 4Page - Intersil Corporation CA3304_02 Datasheet HTML 5Page - Intersil Corporation CA3304_02 Datasheet HTML 6Page - Intersil Corporation CA3304_02 Datasheet HTML 7Page - Intersil Corporation CA3304_02 Datasheet HTML 8Page - Intersil Corporation CA3304_02 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Pin Descriptions
PIN NUMBER
NAME
DESCRIPTION
1
Bit 1
Bit 1 (LSB).
Output Data Bits
(High = True)
2Bit 2
Bit 2.
3Bit 3
Bit 3.
4
Bit 4
Bit 4 (MSB).
5
DC
Data Change.
6
OF
Overflow.
7
CE2
Three-State Output Enable Input, active low. See the Chip Enable Truth Table.
8VSS
Digital Ground.
9CE1
Three-State Output Enable Input, active high. See the Chip Enable Truth Table.
10
VAA+
Analog Power Supply, +5V.
11
VIN
Analog Signal Input.
12
VREF+
Reference Voltage Positive Input.
13
VREF-
Reference Voltage Negative Input.
14
VAA-
Analog Ground.
15
CLK
Clock Input.
16
VDD
Digital Power Supply, +5V.
CHIP ENABLE TRUTH TABLE
CE1
CE2
BIT 1 - BIT 4
DC, OF
0
1
Valid
Valid
1
1
Three-State
Valid
X
0
Three-State
Three-State
X = Don't Care
TABLE 1. OUTPUT CODE TABLE
CODE
DESCRIPTION
INPUT VOLTAGE (V)
OUTPUT CODE
DECIMAL
COUNT
VREF+ = 1V
VREF- = -1V
1.6V
0V
2V
0V
3.2V
0V
4.8V
0V
OF
B4
B3
B2
B1
Zero
-1.000
0
0
0
0
0
0000
0
1 LSB
-0.875
0.1
0.125
0.2
0.3
0
0001
1
2 LSB
-0.750
0.2
0.250
0.4
0.6
0
0010
2
•••••
•••••
•••••
•••••
1/
2 Full Scale -1 LSB
-0.125
0.7
0.875
1.4
2.1
0
0111
7
1/
2 Full Scale
0
0.8
1.000
1.6
2.4
0
1000
8
1/
2 Full Scale +1 LSB
0.125
0.9
1.125
1.8
2.7
0
1001
9
•••••
•••••
•••••
•••••
Full Scale -1 LSB
0.750
1.4
1.750
2.8
4.2
0
1110
14
Full Scale
0.875
1.5
1.875
3.0
4.5
0
1111
15
Overflow
1.000
1.6
2.000
3.2
4.8
1
1111
31
Step Size
0.125
0.1
0.125
0.2
0.3
NOTE:
1. The voltages listed are the ideal centers of each output code shown as a function of its associated reference voltage See Ideal Transfer
Curve Figure 6. The output code should exist for an input equal to the ideal center voltage
±1/2 of the step size.
CA3304, CA3304A


同様の部品番号 - CA3304_02

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3304A INTERSIL-CA3304A Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304AD INTERSIL-CA3304AD Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304AE INTERSIL-CA3304AE Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304AM INTERSIL-CA3304AM Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
CA3304D INTERSIL-CA3304D Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
More results

同様の説明 - CA3304_02

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com