データシートサーチシステム |
|
CA3338E データシート(PDF) 4 Page - Intersil Corporation |
|
CA3338E データシート(HTML) 4 Page - Intersil Corporation |
4 / 10 page 4 CA3338, CA3338A REFERENCE VOLTAGE VREF+ Range (+) Full Scale, Note 2 VREF- + 3 - VDD V VREF- Range (-) Full Scale, Note 2 VEE -VREF+ - 3 V VREF+ Input Current VREF+ = 6V, VDD = 6V - 40 50 mA SUPPLY VOLTAGE Static IDD or IEE LE = Low, D0 - D7 = High - 100 220 µA LE = Low, D0 - D7 = Low - - 100 µA Dynamic IDD or IEE VOUT = 10MHz, 0V to 5V Square Wave - 20 - mA Dynamic IDD or IEE VOUT = 10MHz, ±2.5V Square Wave - 25 - mA VDD Rejection 50kHz Sine Wave Applied - 3 - mV/V VEE Rejection 50kHz Sine Wave Applied - 1 - mV/V DIGITAL INPUTS D0 - D7, LE, COMP High Level Input Voltage Note 2 2 - - V Low Level Input Voltage Note 2 - - 0.8 V Leakage Current - ±1 ±5 µA Capacitance - 5 - pF TEMPERATURE COEFFICIENTS Output Impedance - 200 - ppm/×oC NOTE: 2. Parameter not tested. but guaranteed by design or characterization. Electrical Specifications TA = 25 oC, V DD = 5V, VREF+ = 4.608V, VSS = VEE = VREF- = GND, LE Clocked at 20MHz, RL ≥ 1 MΩ, Unless Otherwise Specified (Continued) PARAMETER TEST CONDITIONS MIN TYP MAX UNITS |
同様の部品番号 - CA3338E |
|
同様の説明 - CA3338E |