データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA5260A データシート(PDF) 2 Page - Intersil Corporation

部品番号 CA5260A
部品情報  3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5260A データシート(HTML) 2 Page - Intersil Corporation

  CA5260A Datasheet HTML 1Page - Intersil Corporation CA5260A Datasheet HTML 2Page - Intersil Corporation CA5260A Datasheet HTML 3Page - Intersil Corporation CA5260A Datasheet HTML 4Page - Intersil Corporation CA5260A Datasheet HTML 5Page - Intersil Corporation CA5260A Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FN1929.6
December 23, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage (Between V+ and V- Terminals) . . . . . . . . . . . . 16V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . (V+ +8V) to (V- -0.5V)
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA
Output Short Circuit Duration (Note 1). . . . . . . . . . . . . . . . Indefinite
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . -55°C to 125°C
Thermal Resistance (Typical, Note 2)
θ
JA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
157
Maximum Junction Temperature (Die). . . . . . . . . . . . . . . . . . . 175°C
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Short circuit may be applied to ground or to either supply.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Typical Values Intended Only for Design Guidance, V+ = 5V, V- = 0V, TA = 25°C,
Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL VALUES
UNITS
CA5260
CA5260A
Input Resistance
RI
1.5
1.5
T
Input Capacitance
CI
f = 1MHz
4.3
4.3
pF
Unity Gain Crossover Frequency
fT
33
MHz
Slew Rate
SR
VOUT = 2.5VP-P
55
V/
µs
Transient Response
CL = 25pF, RL = 2kΩ
(Voltage Follower)
Rise Time
tr
0.09
0.09
µs
Overshoot
OS
10
10
%
Settling Time (To <0.1%, VIN = 4VP-P)tS
CL = 25pF, RL = 2kΩ
(Voltage Follower)
1.8
1.8
µs
Electrical Specifications
TA = 25°C, V+ = 5V, V- = 0V
PARAMETER
SYMBOL
TEST
CONDITIONS
CA5260
CA5260A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
VIO
VO = 2.5V
-
2
15
-
1.5
4
mV
Input Offset Current
IIO
VO = 2.5V
-
1
10
-
1
10
pA
Input Current
II
VO = 2.5V
-
2
15
-
2
15
pA
Common Mode Rejection
Ratio
CMRR
VCM = 0 to 1V
70
85
-
80
85
-
dB
VCM = 0 to 2.5V
50
55
-
50
55
-
dB
Common Mode Input
Voltage Range
VlCR+2.5
3
-
2.5
3
-
V
VlCR-
-
-0.5
0
-
-0.5
0
V
Power Supply Rejection
Ratio
PSRR
∆V+ = 1V; ∆V- = 1V
70
84
-
75
84
-
dB
Large Signal Voltage Gain
(Note 3)
AOL
RL = , VO = 0.5 to 4V
105
111
-
107
113
-
dB
RL = 10kΩ,
VO = 0.5 to 3.6V
80
86
-
83
86
-
dB
Source Current
ISOURCE VO = 0V
1.75
2.2
-
1.75
2.2
-
mA
Sink Current
ISINK
VO = 5V
1.70
2
-
1.70
2
-
mA
CA5260, CA5260A
CA5260, CA5260A


同様の部品番号 - CA5260A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
CA5260A RENESAS-CA5260A Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5260AM96 INTERSIL-CA5260AM96 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260AM96 RENESAS-CA5260AM96 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
More results

同様の説明 - CA5260A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com