データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD22M3494 データシート(PDF) 3 Page - Intersil Corporation

部品番号 CD22M3494
部品情報  16 x 8 x 1 BiMOS-E Crosspoint Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22M3494 データシート(HTML) 3 Page - Intersil Corporation

  CD22M3494 Datasheet HTML 1Page - Intersil Corporation CD22M3494 Datasheet HTML 2Page - Intersil Corporation CD22M3494 Datasheet HTML 3Page - Intersil Corporation CD22M3494 Datasheet HTML 4Page - Intersil Corporation CD22M3494 Datasheet HTML 5Page - Intersil Corporation CD22M3494 Datasheet HTML 6Page - Intersil Corporation CD22M3494 Datasheet HTML 7Page - Intersil Corporation CD22M3494 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FN2793.7
January 16, 2006
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage (VDD)
Voltages Referenced to VEE . . . . . . . . . . . . . . . . . . . . -0.5 to 16V
DC Supply Voltage (VDD)
Voltages Referenced to VSS . . . . . . . . . . . . . . . . . . . . . -0.5, 16V
DC Input Diode Current, IIN
For VI, Digital < VSS -0.5V or VI,
Analog < VEE -0.5V or VI > VDD 0.5V. . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO, Digital < VSS -0.5V or VO,
Analog < VEE -0.5V or VO > VDD 0.5V . . . . . . . . . . . . . . . . . . .±20mA
DC Transmission Gate Current
. . . . . . . . . . . . . . . . . . . . . . . . . .±25mA
Power Dissipation Per Package (Po)
For TA = -40°C to 85°C (PDIP). . . . . . . . . . . . . . . . . . . . . .500mW
For TA = 60°C to 85°C Derate Linearly . . . . . . .12mW/°C to 200mW
For TA = -40°C to 85°C (PLCC) . . . . . . . . . . . . . . . . . . . . . . .600mW
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
55
PLCC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
43
Maximum Junction Temperature Plastic Package . . . . . . . . . . 150°C
Maximum Storage Temperature Range (TSTG). . . . .-65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(PLCC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing.
applications.
Operating Conditions
Operating Temperature Range (TA)
Package Type E and Q . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Supply Voltage Range
For TA = Full Package Temperature Range
VSS = 0V, VEE = 0V, VDD . . . . . . . . . . . . . . . . . . . . . . . 4V to 15V
DC Input or Output Voltage VI or VO . . . . . . . . . . . . . . . VEE to VDD
Digital Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS to VDD
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = -40°C to 85°C, VDD = 5V, VSS = 0V, VEE = 0V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
STATIC CONTROLS
Supply Current
IDD
VDD = 5V, Logic Inputs = VDD
-
-
2
mA
VDD = 15V, Logic Inputs = VDD
-
-
5
mA
High-Level Input Voltage
VIH
VDD = 5V
2.4
(Note 2)
-
-
V
Low-Level Input Voltage
VIL
-
-
0.8
(Note 2)
V
Input Leakage Current, Digital
IIN
Reset = Low (Note 3)
-
-
±10
(Note 4)
µA
Electrical Specifications
TA = -40°C to 85°C, VDD = 12V, VSS = 0V, VEE = 0V, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
STATIC CROSSPOINTS
ON Resistance
rON
VSS = VEE = 0V,
TA = 25°C, VIN = VDD/2, VX
- VY = 0.2V
VDD = 10V
-
40
75
VDD = 12V
-
36
65
ON Resistance
rON
TA = -40°C to 85°C,
VIN = VDD/2, VX -VY = 0.2V,
VSS = VEE = 0V
VDD = 10V
-
50
75
VDD = 12V
-
45
65
Difference in ON Resistance
Between Any Two Switches
∆rON
TA = 25°C, VIN = VDD/2, VX - VY = 0.2V,
VSS = VEE = 0V, VDD = 12V
-
6
10
CD22M3494


同様の部品番号 - CD22M3494

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3494E INTERSIL-CD22M3494E Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494E INTERSIL-CD22M3494E Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494EZ INTERSIL-CD22M3494EZ Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results

同様の説明 - CD22M3494

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com