データシートサーチシステム |
|
LM101AJ データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
LM101AJ データシート(HTML) 2 Page - National Semiconductor (TI) |
2 / 20 page Absolute Maximum Ratings (Note 2) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. LM101A/LM201A LM301A Supply Voltage ±22V ±18V Differential Input Voltage ±30V ±30V Input Voltage (Note 3) ±15V ±15V Output Short Circuit Duration (Note 4) Continuous Continuous Operating Ambient Temp. Range −55˚C to +125˚C (LM101A) 0˚C to +70˚C −25˚C to +85˚C (LM201A) T J Max H-Package 150˚C 100˚C N-Package 150˚C 100˚C J-Package 150˚C 100˚C Power Dissipation at T A = 25˚C H-Package (Still Air) 500 mW 300 mW (400 LF/Min Air Flow) 1200 mW 700 mW N-Package 900 mW 500 mW J-Package 1000 mW 650 mW Thermal Resistance (Typical) θ jA H-Package (Still Air) 165˚C/W 165˚C/W (400 LF/Min Air Flow) 67˚C/W 67˚C/W N Package 135˚C/W 135˚C/W J-Package 110˚C/W 110˚CmW (Typical) θ jC H-Package 25˚C/W 25˚C/W Storage Temperature Range −65˚C to +150˚C −65˚C to +150˚C Lead Temperature (Soldering, 10 sec.) Metal Can or Ceramic 300˚C 300˚C Plastic 260˚C 260˚C ESD Tolerance (Note 7) 2000V 2000V Electrical Characteristics (Note 5) T A=TJ Parameter Conditions LM101A/LM201A LM301A Units Min Typ Max Min Typ Max Input Offset Voltage T A = 25˚C, RS ≤ 50 kΩ 0.7 2.0 2.0 7.5 mV Input Offset Current T A = 25˚C 1.5 10 3.0 50 nA Input Bias Current T A = 25˚C 30 75 70 250 nA Input Resistance T A = 25˚C 1.5 4.0 0.5 2.0 M Ω Supply Current T A = 25˚C V S = ±20V 1.8 3.0 mA V S = ±15V 1.8 3.0 mA Large Signal Voltage Gain T A = 25˚C, VS = ±15V 50 160 25 160 V/mV V OUT = ±10V, RL ≥ 2kΩ Input Offset Voltage R S ≤ 50 kΩ 3.0 10 mV Average Temperature Coefficient R S ≤ 50 kΩ 3.0 15 6.0 30 µV/˚C of Input Offset Voltage Input Offset Current 20 70 nA Average Temperature Coefficient 25˚C ≤ T A ≤ T MAX 0.01 0.1 0.01 0.3 nA/˚C of Input Offset Current T MIN ≤ T A ≤ 25˚C 0.02 0.2 0.02 0.6 nA/˚C Input Bias Current 0.1 0.3 µA www.national.com 2 |
同様の部品番号 - LM101AJ |
|
同様の説明 - LM101AJ |