データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101J883 データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM101J883
部品情報  Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101J883 データシート(HTML) 3 Page - National Semiconductor (TI)

  LM101J883 Datasheet HTML 1Page - National Semiconductor (TI) LM101J883 Datasheet HTML 2Page - National Semiconductor (TI) LM101J883 Datasheet HTML 3Page - National Semiconductor (TI) LM101J883 Datasheet HTML 4Page - National Semiconductor (TI) LM101J883 Datasheet HTML 5Page - National Semiconductor (TI) LM101J883 Datasheet HTML 6Page - National Semiconductor (TI) LM101J883 Datasheet HTML 7Page - National Semiconductor (TI) LM101J883 Datasheet HTML 8Page - National Semiconductor (TI) LM101J883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Electrical Characteristics (Note 5) (Continued)
T
A=TJ
Parameter
Conditions
LM101A/LM201A
LM301A
Units
Min
Typ
Max Min
Typ
Max
Supply Current
T
A =TMAX,VS = ±20V
1.2
2.5
mA
Large Signal Voltage Gain
V
S = ±15V, VOUT = ±10V
25
15
V/mV
R
L
≥ 2k
Output Voltage Swing
V
S = ±15V
R
L =10k
±12
±14
±12
±14
V
R
L =2k
±10
±13
±10
±13
V
Input Voltage Range
V
S = ±20V
±15
V
V
S = ±15V
+15, −13
±12 +15, −13
V
Common-Mode Rejection Ratio
R
S
≤ 50 kΩ
80
96
70
90
dB
Supply Voltage Rejection Ratio
R
S
≤ 50 kΩ
80
96
70
96
dB
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.Operating ratings indicate for which the device is functional, but
do no guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guarantee
specific limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the
typical value is a good indication of device performance.
Note 3: For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
Note 4: Continuous short circuit is allowed for case temperatures to 125˚C and ambient temperatures to 75˚C for LM101A/LM201A, and 70˚C and 55˚C respectively
for LM301A.
Note 5: Unless otherwise specified, these specifications apply for C1 = 30 pF, ±5V
≤ VS ±20V and −55˚C ≤ TA ≤ +125˚C (LM101A), ±5V ≤ VS ±20V and −25˚C
≤ TA ≤ +85˚C (LM201A), ±5V ≤ VS ±15V and 0˚C ≤ TA ≤ +70˚C (LM301A).
Note 6: Refer to RETS101AX for LM101A military specifications and RETS101X for LM101 military specifications.
Note 7: Human body model, 100 pF discharged through 1.5 k
Ω.
Typical Performance Characteristics
LM101A/LM201A
Input Voltage Range
Output Swing
00775241
00775242
www.national.com
3


同様の部品番号 - LM101J883

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM101J/883 NSC-LM101J/883 Datasheet
509Kb / 17P
   Operational Amplifiers
More results

同様の説明 - LM101J883

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com