データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101J883 データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM101J883
部品情報  Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM101J883 データシート(HTML) 1 Page - National Semiconductor (TI)

  LM101J883 Datasheet HTML 1Page - National Semiconductor (TI) LM101J883 Datasheet HTML 2Page - National Semiconductor (TI) LM101J883 Datasheet HTML 3Page - National Semiconductor (TI) LM101J883 Datasheet HTML 4Page - National Semiconductor (TI) LM101J883 Datasheet HTML 5Page - National Semiconductor (TI) LM101J883 Datasheet HTML 6Page - National Semiconductor (TI) LM101J883 Datasheet HTML 7Page - National Semiconductor (TI) LM101J883 Datasheet HTML 8Page - National Semiconductor (TI) LM101J883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM101A/LM201A/LM301A
Operational Amplifiers
General Description
The LM101A series are general purpose operational ampli-
fiers which feature improved performance over industry stan-
dards like the LM709. Advanced processing techniques
make possible an order of magnitude reduction in input
currents, and a redesign of the biasing circuitry reduces the
temperature drift of input current. Improved specifications
include:
Offset voltage 3 mV maximum over temperature
(LM101A/LM201A)
Input current 100 nA maximum over temperature
(LM101A/LM201A)
Offset current 20 nA maximum over temperature
(LM101A/LM201A)
Guaranteed drift characteristics
Offsets guaranteed over entire common mode and sup-
ply voltage ranges
Slew rate of 10V/µs as a summing amplifier
This amplifier offers many features which make its appli-
cation nearly foolproof: overload protection on the input
and output, no latch-up when the common mode range is
exceeded, and freedom from oscillations and compensa-
tion with a single 30 pF capacitor. It has advantages over
internally compensated amplifiers in that the frequency
compensation can be tailored to the particular applica-
tion. For example, in low frequency circuits it can be
overcompensated for increased stability margin. Or the
compensation can be optimized to give more than a
factor of ten improvement in high frequency performance
for most applications.
In addition, the device provides better accuracy and
lower noise in high impedance circuitry. The low input
currents also make it particularly well suited for long
interval integrators or timers, sample and hold circuits
and low frequency waveform generators. Further, replac-
ing circuits where matched transistor pairs buffer the
inputs of conventional IC op amps, it can give lower offset
voltage and a drift at a lower cost.
The LM101A is guaranteed over a temperature range of
−55˚C to +125˚C, the LM201A from −25˚C to +85˚C, and
the LM301A from 0˚C to +70˚C.
Fast AC/DC Converter
00775233
Note 1: Feedforward compensation can be used to make a fast full wave rectifier without a filter.
August 2000
© 2004 National Semiconductor Corporation
DS007752
www.national.com


同様の部品番号 - LM101J883

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM101J/883 NSC-LM101J/883 Datasheet
509Kb / 17P
   Operational Amplifiers
More results

同様の説明 - LM101J883

メーカー部品番号データシート部品情報
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com