データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33078 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 MC33078
部品情報  DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

MC33078 データシート(HTML) 9 Page - Texas Instruments

Back Button MC33078 Datasheet HTML 5Page - Texas Instruments MC33078 Datasheet HTML 6Page - Texas Instruments MC33078 Datasheet HTML 7Page - Texas Instruments MC33078 Datasheet HTML 8Page - Texas Instruments MC33078 Datasheet HTML 9Page - Texas Instruments MC33078 Datasheet HTML 10Page - Texas Instruments MC33078 Datasheet HTML 11Page - Texas Instruments MC33078 Datasheet HTML 12Page - Texas Instruments MC33078 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
80
85
90
95
100
105
110
5
6
7
8
9 10 11 12 13 14 15 16 17 18
VCC+/–VCC– – Supply Voltage – V
R = 2 k
f < 10 Hz
V = 2/3(V
– V
)
T = 25°C
L
O
CC+
CC–
A
W
D
80
85
90
95
100
105
110
115
120
-55
-35
-15
5
25
45
65
85
105 125
TA – Temperature – °C
R = 2 k
f < 10 Hz
V = 2/3(V
– V
)
T = 25°C
L
O
CC+
CC–
A
W
D
100
110
120
130
140
150
160
170
180
190
200
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
f – Frequency – Hz
1k
10k
100k
Drive Channel
V
= 15 V
V
= –15 V
R = 2 k
V = 20 V
T = 25°C
CC+
CC–
L
O
PP
A
W
10
100
0
5
10
15
20
25
30
35
40
45
50
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
f – Frequency – Hz
VCC+ = 15 V
VCC– = –15 V
VO = 1 Vrms
TA = 25°C
1k
10k
100k
1M
10M
A = 1
V
A = 10
V
A = 100
V
A = 1000
V
MC33078
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
SLLS633C – OCTOBER 2004 – REVISED NOVEMBER 2006
TYPICAL CHARACTERISTICS (continued)
OPEN-LOOP GAIN
OPEN-LOOP GAIN
vs
vs
SUPPLY VOLTAGE
TEMPERATURE
OUTPUT IMPEDANCE
CROSSTALK REJECTION
vs
vs
FREQUENCY
FREQUENCY
9
Submit Documentation Feedback


同様の部品番号 - MC33078

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
183Kb / 14P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
More results

同様の説明 - MC33078

メーカー部品番号データシート部品情報
logo
Texas Instruments
MC33078-EP TI-MC33078-EP Datasheet
726Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078-EP TI-MC33078-EP_15 Datasheet
1,023Kb / 21P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078 TI-MC33078_1 Datasheet
700Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078 TI-MC33078_2 Datasheet
698Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2719 NJRC-NJM2719 Datasheet
329Kb / 10P
   Low Noise, High-Speed Dual Operational Amplifier
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com