データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14751BCL データシート(PDF) 2 Page - Motorola, Inc

部品番号 MC14751BCL
部品情報  Hex Non-Inverting 3-State Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14751BCL データシート(HTML) 2 Page - Motorola, Inc

  MC14751BCL Datasheet HTML 1Page - Motorola, Inc MC14751BCL Datasheet HTML 2Page - Motorola, Inc MC14751BCL Datasheet HTML 3Page - Motorola, Inc MC14751BCL Datasheet HTML 4Page - Motorola, Inc MC14751BCL Datasheet HTML 5Page - Motorola, Inc MC14751BCL Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
327
MC14503B
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
– 55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = 0
“1” Level
Vin = VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 3.6 or 1.4 Vdc)
(VO = 7.2 or 2.8 Vdc)
(VO = 11.5 or 3.5 Vdc)
“1” Level
(VO = 1.4 or 3.6 Vdc)
(VO = 2.8 or 7.2 Vdc)
(VO = 3.5 or 11.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 1.4 or 3.6 Vdc)
(VO = 2.8 or 7.2 Vdc)
(VO = 3.5 or 11.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 2.5 Vdc)
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
4.5
5.0
5.0
10
15
– 4.3
– 5.8
– 1.2
– 3.1
– 8.2
– 3.6
– 4.8
– 1.02
– 2.6
– 6.8
– 5.0
– 6.1
– 1.4
– 3.7
– 14.1
– 2.5
– 3.0
– 0.7
– 1.8
– 4.8
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.4 Vdc)
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
4.5
5.0
10
15
2.2
2.6
6.5
19.2
1.8
2.1
5.5
16.1
2.1
2.3
6.2
25
1.2
1.3
3.8
11.2
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IQ
5.0
10
15
1.0
2.0
4.0
0.002
0.004
0.006
1.0
2.0
4.0
30
60
120
µAdc
Total Supply Current**†
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs)
(All outputs switching,
50% Duty Cycle)
IT
5.0
10
15
IT = (2.5 µA/kHz) f + IDD
IT = (6.0 µA/kHz) f + IDD
IT = (10 µA/kHz) f + IDD
µAdc
Three–State Output Leakage
Current
ITL
15
± 0.1
± 0.0001
± 0.1
± 3.0
µAdc
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
** The formulas given are for the typical characteristics only at 25
_C.
†To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.006.


同様の部品番号 - MC14751BCL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MC14700 ETC2-MC14700 Datasheet
203Kb / 1P
   ROHS COMPLIANT AXIAL LEAD WIREWOUND RESISTORS, SILICON, 1%
MC14701 ETC2-MC14701 Datasheet
203Kb / 1P
   ROHS COMPLIANT AXIAL LEAD WIREWOUND RESISTORS, SILICON, 1%
MC14702 ETC2-MC14702 Datasheet
203Kb / 1P
   ROHS COMPLIANT AXIAL LEAD WIREWOUND RESISTORS, SILICON, 1%
MC14703 ETC2-MC14703 Datasheet
203Kb / 1P
   ROHS COMPLIANT AXIAL LEAD WIREWOUND RESISTORS, SILICON, 1%
MC14704 ETC2-MC14704 Datasheet
203Kb / 1P
   ROHS COMPLIANT AXIAL LEAD WIREWOUND RESISTORS, SILICON, 1%
More results

同様の説明 - MC14751BCL

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
logo
Toshiba Semiconductor
TC4503BP TOSHIBA-TC4503BP Datasheet
94Kb / 3P
   HEX NON-INVERTING 3-STATE BUFFER
logo
Fairchild Semiconductor
CD4503BC FAIRCHILD-CD4503BC Datasheet
62Kb / 6P
   Hex Non-Inverting 3-STATE Buffer
logo
Hitachi Semiconductor
HD14503B HITACHI-HD14503B Datasheet
83Kb / 7P
   Hex Non-inverting 3-state Buffer
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com