データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HEF4093BP データシート(PDF) 5 Page - NXP Semiconductors

部品番号 HEF4093BP
部品情報  Quadruple 2-input NAND Schmitt trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4093BP データシート(HTML) 5 Page - NXP Semiconductors

  HEF4093BP Datasheet HTML 1Page - NXP Semiconductors HEF4093BP Datasheet HTML 2Page - NXP Semiconductors HEF4093BP Datasheet HTML 3Page - NXP Semiconductors HEF4093BP Datasheet HTML 4Page - NXP Semiconductors HEF4093BP Datasheet HTML 5Page - NXP Semiconductors HEF4093BP Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
January 1995
5
Philips Semiconductors
Product specification
Quadruple 2-input NAND Schmitt trigger
HEF4093B
gates
Fig.6
Typical drain current as a function of input
voltage; VDD = 5 V; Tamb =25 °C.
Fig.7
Typical drain current as a function of input
voltage; VDD =10 V; Tamb =25 °C.
Fig.8
Typical drain current as a function of input
voltage; VDD = 15 V; Tamb =25 °C.


同様の部品番号 - HEF4093BP

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
HEF4093BP NXP-HEF4093BP Datasheet
158Kb / 15P
   FBQuad 2-input NAND Schmitt trigger
Rev. 8-21 November 2011
HEF4093BP PHILIPS-HEF4093BP Datasheet
158Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 8-21 November 2011
More results

同様の説明 - HEF4093BP

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD14093B HITACHI-HD14093B Datasheet
66Kb / 6P
   Quadruple 2-input NAND Schmitt Trigger
logo
Texas Instruments
74AC11132 TI1-74AC11132 Datasheet
375Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT-TRIGGER
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
logo
ON Semiconductor
MC74VHC1G132DTT1G ONSEMI-MC74VHC1G132DTT1G Datasheet
123Kb / 6P
   2-Input NAND Schmitt-Trigger
July, 2013 ??Rev. 21
MC74VHC1G135 ONSEMI-MC74VHC1G135_18 Datasheet
206Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132_V01 Datasheet
172Kb / 14P
   2-Input NAND Schmitt-Trigger
April, 2022 ??Rev. 25
MC74VHC1G132 ONSEMI-MC74VHC1G132_18 Datasheet
205Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 22
logo
Texas Instruments
SN74HCS00 TI1-SN74HCS00 Datasheet
338Kb / 18P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI-SN74HCS00_V03 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com