データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UA741CPW データシート(PDF) 10 Page - Texas Instruments

部品番号 UA741CPW
部品情報  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UA741CPW データシート(HTML) 10 Page - Texas Instruments

Back Button UA741CPW Datasheet HTML 6Page - Texas Instruments UA741CPW Datasheet HTML 7Page - Texas Instruments UA741CPW Datasheet HTML 8Page - Texas Instruments UA741CPW Datasheet HTML 9Page - Texas Instruments UA741CPW Datasheet HTML 10Page - Texas Instruments UA741CPW Datasheet HTML 11Page - Texas Instruments UA741CPW Datasheet HTML 12Page - Texas Instruments UA741CPW Datasheet HTML 13Page - Texas Instruments UA741CPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
µA741, µA741Y
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
f – Frequency – Hz
10k
1M
100M
100
1
0
10
20
30
40
50
60
70
80
90
100
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
VCC+ = 15 V
VCC– = –15 V
BS = 10 kΩ
TA = 25°C
Figure 9
10%
tr
2.5
2
1.5
1
0.5
0
28
24
20
16
12
8
4
0
t – Time
− µs
–4
OUTPUT VOLTAGE
vs
ELAPSED TIME
90%
VCC+ = 15 V
VCC– = –15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
8
6
4
2
0
–2
–4
–6
90
80
70
60
50
40
30
20
10
0
t – Time –
µs
–8
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
VO
VI
VCC+ = 15 V
VCC– = –15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
Figure 10


同様の部品番号 - UA741CPW

メーカー部品番号データシート部品情報
logo
STMicroelectronics
UA741CP STMICROELECTRONICS-UA741CP Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
Texas Instruments
UA741CP TI-UA741CP Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CP TI-UA741CP Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CP TI-UA741CP Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CP TI1-UA741CP Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
More results

同様の説明 - UA741CPW

メーカー部品番号データシート部品情報
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com