データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317LZ データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM317LZ
部品情報  3-Terminal Adjustable Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM317LZ データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LM317LZ Datasheet HTML 2Page - National Semiconductor (TI) LM317LZ Datasheet HTML 3Page - National Semiconductor (TI) LM317LZ Datasheet HTML 4Page - National Semiconductor (TI) LM317LZ Datasheet HTML 5Page - National Semiconductor (TI) LM317LZ Datasheet HTML 6Page - National Semiconductor (TI) LM317LZ Datasheet HTML 7Page - National Semiconductor (TI) LM317LZ Datasheet HTML 8Page - National Semiconductor (TI) LM317LZ Datasheet HTML 9Page - National Semiconductor (TI) LM317LZ Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Application Hints
In operation, the LM317L develops a nominal 1.25V refer-
ence voltage, V
REF, between the output and adjustment
terminal. The reference voltage is impressed across pro-
gram resistor R1 and, since the voltage is constant, a con-
stant current I
1 then flows through the output set resistor R2,
giving an output voltage of
Since the 100µA current from the adjustment terminal repre-
sents an error term, the LM317L was designed to minimize
I
ADJ and make it very constant with line and load changes.
To do this, all quiescent operating current is returned to the
output establishing a minimum load current requirement. If
there is insufficient load on the output, the output will rise.
EXTERNAL CAPACITORS
An input bypass capacitor is recommended in case the
regulator is more than 6 inches away from the usual large
filter capacitor. A 0.1µF disc or 1µF solid tantalum on the
input is suitable input bypassing for almost all applications.
The device is more sensitive to the absence of input bypass-
ing when adjustment or output capacitors are used, but the
above values will eliminate the possibility of problems.
The adjustment terminal can be bypassed to ground on the
LM317L to improve ripple rejection and noise. This bypass
capacitor prevents ripple and noise from being amplified as
the output voltage is increased. With a 10µF bypass capaci-
tor 80dB ripple rejection is obtainable at any output level.
Increases over 10µF do not appreciably improve the ripple
rejection at frequencies above 120Hz. If the bypass capaci-
tor is used, it is sometimes necessary to include protection
diodes to prevent the capacitor from discharging through
internal low current paths and damaging the device.
In general, the best type of capacitors to use is solid tanta-
lum. Solid tantalum capacitors have low impedance even at
high frequencies. Depending upon capacitor construction, it
takes about 25µF in aluminum electrolytic to equal 1µF solid
tantalum at high frequencies. Ceramic capacitors are also
good at high frequencies; but some types have a large
decrease in capacitance at frequencies around 0.5MHz. For
this reason, a 0.01µF disc may seem to work better than a
0.1µF disc as a bypass.
Although the LM317L is stable with no output capacitors, like
any feedback circuit, certain values of external capacitance
can cause excessive ringing. This occurs with values be-
tween 500pF and 5000pF. A 1µF solid tantalum (or 25µF
aluminum electrolytic) on the output swamps this effect and
insures stability.
LOAD REGULATION
The LM317L is capable of providing extremely good load
regulation but a few precautions are needed to obtain maxi-
mum performance. The current set resistor connected be-
tween the adjustment terminal and the output terminal (usu-
ally 240
Ω) should be tied directly to the output of the
regulator rather than near the load. This eliminates line
drops from appearing effectively in series with the reference
and degrading regulation. For example, a 15V regulator with
0.05
Ω resistance between the regulator and load will have a
load regulation due to line resistance of 0.05
Ω xI
L. If the set
resistor is connected near the load the effective line resis-
tance will be 0.05
Ω (1 + R2/R1) or in this case, 11.5 times
worse.
Figure 2 shows the effect of resistance between the regula-
tor and 240
Ω set resistor.
With the TO-92 package, it is easy to minimize the resis-
tance from the case to the set resistor, by using two separate
leads to the output pin. The ground of R2 can be returned
near the ground of the load to provide remote ground sens-
ing and improve load regulation.
THERMAL REGULATION
When power is dissipated in an IC, a temperature gradient
occurs across the IC chip affecting the individual IC circuit
components. With an IC regulator, this gradient can be es-
pecially severe since power dissipation is large. Thermal
regulation is the effect of these temperature gradients on
output voltage (in percentage output change) per watt of
power change in a specified time. Thermal regulation error is
independent of electrical regulation or temperature coeffi-
cient, and occurs within 5ms to 50ms after a change in
power dissipation. Thermal regulation depends on IC layout
as well as electrical design. The thermal regulation of a
voltage regulator is defined as the percentage change of
V
OUT, per watt, within the first 10ms after a step of power is
applied. The LM317L specification is 0.2%/W, maximum.
In the Thermal Regulation curve at the bottom of the Typical
Performance Characteristics page, a typical LM317L’s out-
put changes only 7mV (or 0.07% of V
OUT = −10V) when a
1W pulse is applied for 10ms. This performance is thus well
inside the specification limit of 0.2%/W x 1W = 0.2% maxi-
00906407
FIGURE 1.
00906408
FIGURE 2. Regulator with Line Resistance
in Output Lead
www.national.com
6


同様の部品番号 - LM317LZ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM317LZ NSC-LM317LZ Datasheet
442Kb / 17P
   3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317LZ ONSEMI-LM317LZ Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM317LZ STMICROELECTRONICS-LM317LZ Datasheet
130Kb / 8P
   LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM317LZ STMICROELECTRONICS-LM317LZ Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
Fairchild Semiconductor
LM317LZ FAIRCHILD-LM317LZ Datasheet
46Kb / 8P
   3-Terminal 0.1A Positive Adjustable Regulator
More results

同様の説明 - LM317LZ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com