データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML4824 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 ML4824
部品情報  Power Factor Correction and PWM Controller Combo
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4824 データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button ML4824 Datasheet HTML 3Page - Fairchild Semiconductor ML4824 Datasheet HTML 4Page - Fairchild Semiconductor ML4824 Datasheet HTML 5Page - Fairchild Semiconductor ML4824 Datasheet HTML 6Page - Fairchild Semiconductor ML4824 Datasheet HTML 7Page - Fairchild Semiconductor ML4824 Datasheet HTML 8Page - Fairchild Semiconductor ML4824 Datasheet HTML 9Page - Fairchild Semiconductor ML4824 Datasheet HTML 10Page - Fairchild Semiconductor ML4824 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PRODUCT SPECIFICATION
ML4824
REV. 1.0.6 11/7/03
7
Functional Description
The ML4824 consists of an average current controlled,
continuous boost Power Factor Corrector (PFC) front end
and a synchronized Pulse Width Modulator (PWM) back
end. The PWM can be used in either current or voltage
mode. In voltage mode, feedforward from the PFC output
buss can be used to improve the PWM’s line regulation. In
either mode, the PWM stage uses conventional trailing-edge
duty cycle modulation, while the PFC uses leading-edge
modulation. This patented leading/trailing edge modulation
technique results in a higher useable PFC error amplifier
bandwidth, and can significantly reduce the size of the PFC
DC buss capacitor.
The synchronization of the PWM with the PFC simplifies the
PWM compensation due to the controlled ripple on the PFC
output capacitor (the PWM input capacitor). The PWM
section of the ML4824-1 runs at the same frequency as the
PFC. The PWM section of the ML4824-2 runs at twice the
frequency of the PFC, which allows the use of smaller PWM
output magnetics and filter capacitors while holding down
the losses in the PFC stage power components.
In addition to power factor correction, a number of protec-
tion features have been built into the ML4824. These include
soft-start, PFC over-voltage protection, peak current limit-
ing, brown-out protection, duty cycle limit, and under-
voltage lockout.
Power Factor Correction
Power factor correction makes a non-linear load look like a
resistive load to the AC line. For a resistor, the current drawn
from the line is in phase with and proportional to the line
voltage, so the power factor is unity (one). A common class
of non-linear load is the input of most power supplies, which
use a bridge rectifier and capacitive input filter fed from the
line. The peak-charging effect which occurs on the input
filter capacitor in these supplies causes brief high-amplitude
pulses of current to flow from the power line, rather than a
sinusoidal current in phase with the line voltage. Such
supplies present a power factor to the line of less than one
(i.e. they cause significant current harmonics of the power
line frequency to appear at their input). If the input current
drawn by such a supply (or any other non-linear load) can be
made to follow the input voltage in instantaneous amplitude,
it will appear resistive to the AC line and a unity power factor
will be achieved.
To hold the input current draw of a device drawing power
from the AC line in phase with and proportional to the input
voltage, a way must be found to prevent that device from
loading the line except in proportion to the instantaneous line
voltage. The PFC section of the ML4824 uses a boost-mode
DC-DC converter to accomplish this. The input to the
converter is the full wave rectified AC line voltage. No bulk
filtering is applied following the bridge rectifier, so the
input voltage to the boost converter ranges (at twice line
frequency) from zero volts to the peak value of the AC input
and back to zero. By forcing the boost converter to meet two
simultaneous conditions, it is possible to ensure that the
current which the converter draws from the power line
agrees with the instantaneous line voltage. One of these
conditions is that the output voltage of the boost converter
must be set higher than the peak value of the line voltage.
A commonly used value is 385VDC, to allow for a high line
of 270VACrms. The other condition is that the current which
the converter is allowed to draw from the line at any given
instant must be proportional to the line voltage. The first of
these requirements is satisfied by establishing a suitable
voltage control loop for the converter, which in turn drives a
current error amplifier and switching output driver. The
second requirement is met by using the rectified AC line
voltage to modulate the output of the voltage control loop.
Such modulation causes the current error amplifier to
command a power stage current which varies directly with
the input voltage. In order to prevent ripple which will
necessarily appear at the output of the boost circuit (typically
about 10VAC on a 385V DC level) from introducing distor-
tion back through the voltage error amplifier, the bandwidth
of the voltage loop is deliberately kept low. A final refine-
ment is to adjust the overall gain of the PFC such to be
proportional to 1/VIN
2, which linearizes the transfer function
of the system as the AC input voltage varies.
Since the boost converter topology in the ML4824 PFC is of
the current-averaging type, no slope compensation is
required.
PFC Section
Gain Modulator
Figure 1 shows a block diagram of the PFC section of the
ML4824. The gain modulator is the heart of the PFC, as it is
this circuit block which controls the response of the current
loop to line voltage waveform and frequency, rms line
voltage, and PFC output voltage. There are three inputs to
the gain modulator. These are:
1.
A current representing the instantaneous input voltage
(amplitude and waveshape) to the PFC. The rectified AC
input sine wave is converted to a proportional current
via a resistor and is then fed into the gain modulator at
IAC. Sampling current in this way minimizes ground
noise, as is required in high power switching power
conversion environments. The gain modulator responds
linearly to this current.
2.
A voltage proportional to the long-term rms AC line
voltage, derived from the rectified line voltage after
scaling and filtering. This signal is presented to the gain
modulator at VRMS. The gain modulator’s output is
inversely proportional to VRMS
2 (except at unusually
low values of VRMS where special gain contouring
takes over, to limit power dissipation of the circuit
components under heavy brownout conditions). The
relationship between VRMS and gain is called K, and is
illustrated in the Typical Performance Characteristics.


同様の部品番号 - ML4824

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824 Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
ML4824CP-1 FAIRCHILD-ML4824CP-1 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824CP-1 MICRO-LINEAR-ML4824CP-1 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
More results

同様の説明 - ML4824

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4804 FAIRCHILD-ML4804 Datasheet
145Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4824 FAIRCHILD-ML4824 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com