データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3310E データシート(PDF) 7 Page - Intersil Corporation

部品番号 CA3310E
部品情報  CMOS, 10-Bit, A/D Converters with Internal Track and Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3310E データシート(HTML) 7 Page - Intersil Corporation

Back Button CA3310E Datasheet HTML 3Page - Intersil Corporation CA3310E Datasheet HTML 4Page - Intersil Corporation CA3310E Datasheet HTML 5Page - Intersil Corporation CA3310E Datasheet HTML 6Page - Intersil Corporation CA3310E Datasheet HTML 7Page - Intersil Corporation CA3310E Datasheet HTML 8Page - Intersil Corporation CA3310E Datasheet HTML 9Page - Intersil Corporation CA3310E Datasheet HTML 10Page - Intersil Corporation CA3310E Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FIGURE 4. STRT PULSED LOW, DRST TIED HIGH, EXTERNAL CLOCK
FIGURE 5. DRST PULSED LOW, STRT TIED HIGH
Timing Diagrams (Continued)
STRT
DRDY
INPUT
HOLD
TRACK
HOLD
13
1222345
CLK
tR STRT
tSU STRT
tW STRT
tD3 DRDY
DON’T CARE
(EXTERNAL)
CLK
DRST
DRDY
13
1
tR DRST
tW DRST
tD4
DRDY
(INTERNAL
OR
EXTERNAL)
DON’T CARE
Typical Performances Curves
FIGURE 6. INTERNAL CLOCK FREQUENCY vs EXTERNAL
RESISTANCE
FIGURE 7. INTERNAL CLOCK FREQUENCY vs
TEMPERATURE AND SUPPLY VOLTAGE
800
700
600
500
400
300
200
100
0
10
100
1000
OPEN
SHORT
EXTERNAL RESISTANCE (k
Ω)
VDD = 3V - 6V = VAA+
VDD = 6V
5V
4V
3V
5
4
3
2
1
0
-55 -40
0
25
85
125
TEMPERATURE (oC)
5V
4V
6V
5V
4V
3V
3V
REXT = SHORTED
REXT = OPEN
INTERNAL CLOCK MAY NOT
VDD = VAA+ = 3V - 6V
WORK AT VDD < 4V FOR
TEMPERATURE < -40oC
VDD = 6V
CA3310, CA3310A


同様の部品番号 - CA3310E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3310E INTERSIL-CA3310E Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
More results

同様の説明 - CA3310E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com