データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N1N5G データシート(PDF) 2 Page - Diodes Incorporated

部品番号 1N1N5G
部品情報  3.0A GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N1N5G データシート(HTML) 2 Page - Diodes Incorporated

  1N1N5G Datasheet HTML 1Page - Diodes Incorporated 1N1N5G Datasheet HTML 2Page - Diodes Incorporated 1N1N5G Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS29003 Rev. 6 - 2
2 of 3
1N5400G-1N5408G
www.diodes.com
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
0.01
0.1
1.0
10
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
100
200
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Peak Forward Surge Current
Pulse Width = 8.3ms
single half sine-wave
10
100
200
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance
R
Tj = 25°C
f=1MHz
0.1
1.0
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
T = 125°C
j
T = 25°C
j
0
1
2
3
4
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
A
Single phase
half wave, 60Hz
resistive or
inductive load


同様の部品番号 - 1N1N5G

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N100 MICROSEMI-1N100 Datasheet
62Kb / 1P
   Optimized for Radio Frequency Response
logo
List of Unclassifed Man...
1N100 ETC-1N100 Datasheet
70Kb / 1P
   GOLD BONDED GERMANIUM DIODE
1N100 ETC-1N100 Datasheet
2Mb / 78P
   GOLD BONDED DIODES
logo
American Microsemicondu...
1N100 AMMSEMI-1N100 Datasheet
442Kb / 1P
   MEDIUM AND LOW VOLTAGE GERMANIUM DIODES
logo
Microsemi Corporation
1N100A MICROSEMI-1N100A Datasheet
62Kb / 1P
   Optimized for Radio Frequency Response
More results

同様の説明 - 1N1N5G

メーカー部品番号データシート部品情報
logo
Zibo Seno Electronic En...
PG5400 ZSELEC-PG5400 Datasheet
128Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
1N5400G DIODES-1N5400G_15 Datasheet
68Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
1N5400G DIODES-1N5400G Datasheet
59Kb / 2P
   3.0A GLASS PASSIVATED RECTIFIER
DS29003 Rev. D-2
1N5400G DIODES-1N5400G_12 Datasheet
68Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
logo
TAITRON Components Inco...
T3A05G TAITRON-T3A05G Datasheet
169Kb / 5P
   3.0A Glass Passivated Rectifier
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
   3.0A Sintered Glass Passivated Rectifier
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
   3.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com