データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4116 データシート(PDF) 1 Page - Microsemi Corporation

部品番号 1N4116
部品情報  LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4116 データシート(HTML) 1 Page - Microsemi Corporation

  1N4116 Datasheet HTML 1Page - Microsemi Corporation 1N4116 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
• 1N4099-1 THRU 1N4135-1 AVAILABLE IN
JAN, JANTX, JANTXV AND
JANS
PER MIL-PRF-19500/435
• LOW CURRENT OPERATION AT 250
µ A
• LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
• METALLURGICALLY BONDED
1N4099 thru 1N4135
and
1N4099-1 thru 1N4135-1
JEDEC
NOMINAL
ZENER
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
MAXIMUM
TYPE
ZENER
TEST
ZENER
LEAKAGE
NOISE
ZENER
NUMBER
VOLTAGE
CURRENT
IMPEDANCE
CURRENT
DENSITY
CURRENT
VZ @ lZT
IZT
ZZT
lR @ VR
ND @ lZT
lZM
(Note 1)
(Note 2)
VOLTS
µ A
OHMS
µ A
VOLTS
µ V/ Hz
mA
1N4099
6.8
250
200
10
5.17
40
56
1N4100
7.5
250
200
10
5.70
40
51
1N4101
8.2
250
200
1.0
6.24
40
46
1N4102
8.7
250
200
1.0
6.61
40
44
1N4103
9.1
250
200
1.0
6.92
40
42
1N4104
10
250
200
1.0
7.60
40
38
1N4105
11
250
200
.05
8.44
40
35
1N4106
12
250
200
.05
9.12
40
32
1N4107
13
250
200
.05
9.87
40
29
1N4108
14
250
200
.05
10.65
40
27
1N4109
15
250
100
.05
11.40
40
25
1N4110
16
250
100
.05
12.15
40
24
1N4111
17
250
100
.05
12.92
40
22
1N4112
18
250
100
.05
13.67
40
21
1N4113
19
250
150
.05
14.44
40
20
1N4114
20
250
150
.01
15.20
40
19
1N4115
22
250
150
.01
16.72
40
17
1N4116
24
250
150
.01
18.25
40
16
1N4117
25
250
150
.01
19.00
40
15
1N4118
27
250
150
.01
20.46
40
14
1N4119
28
250
200
.01
21.28
40
14
1N4120
30
250
200
.01
22.80
40
13
1N4121
33
250
200
.01
25.08
40
12
1N4122
36
250
200
.01
27.38
40
11
1N4123
39
250
200
.01
29.65
40
9.8
1N4124
43
250
250
.01
32.65
40
8.9
1N4125
47
250
250
.01
35.75
40
8.1
1N4126
51
250
300
.01
38.76
40
7.5
1N4127
56
250
300
.01
42.60
40
6.7
1N4128
60
250
400
.01
45.60
40
6.4
1N4129
62
250
500
.01
47.10
40
6.1
1N4130
68
250
700
.01
51.68
40
5.6
1N4131
75
250
700
.01
57.00
40
5.1
1N4132
82
250
800
.01
62.32
40
4.6
1N4133
87
250
1000
.01
66.12
40
4.4
1N4134
91
250
1200
.01
69.16
40
4.2
1N4135
100
250
1500
.01
76.00
40
3.8
NOTE 1
The JEDEC type numbers shown above have a Zener voltage tolerance of + 5% of
the nominal Zener voltage. Vz is measured with the device junction in thermal
equilibrium at an ambient temperature of 25°C + 3°C. A “C” suffix denotes a + 2%
tolerance and a “D” suffix denotes a + 1% tolerance.
NOTE 2
Zener impedance is derived by superimposing on lZT, A 60 Hz rms a.c. current
equal to 10% of lZT (25
µ A a.c.).
MAXIMUM RATINGS
Junction and Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +50°C
Power Derating: 4 mW / °C above +50°C
Forward Voltage at 200 mA: 1.1 Volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass
case. DO – 35 outline.
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
250
°C/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 35
°C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: ANY.
33


同様の部品番号 - 1N4116

メーカー部品番号データシート部品情報
logo
Compensated Deuices Inc...
1N4116 CDI-DIODE-1N4116 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Micro Commercial Compon...
1N4116 MCC-1N4116 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4116 KNOX-1N4116 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Microsemi Corporation
1N4116 MICROSEMI-1N4116 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4116 MICROSEMI-1N4116 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
More results

同様の説明 - 1N4116

メーカー部品番号データシート部品情報
logo
Compensated Deuices Inc...
1N5518 CDI-DIODE-1N5518 Datasheet
99Kb / 2P
   LOW REVERSE LEAKAGE CHARACTERISTICS
logo
Microsemi Corporation
1N5518 MICROSEMI-1N5518_03 Datasheet
114Kb / 2P
   LOW REVERSE LEAKAGE CHARACTERISTICS
logo
DIOTEC Electronics Corp...
1N5391 DEC-1N5391_10 Datasheet
677Kb / 2P
   Low reverse leakage
RS1A DEC-RS1A Datasheet
666Kb / 2P
   Low reverse leakage
UF5400 DEC-UF5400 Datasheet
667Kb / 2P
   Low reverse leakage
logo
Shanghai Leiditech Elec...
MURS205 LEIDITECH-MURS205 Datasheet
679Kb / 2P
   Low reverse leakage
logo
Rugao Dachang Electroni...
ZMM52 DACHANG-ZMM52 Datasheet
120Kb / 2P
   Low reverse leakage
DL47 DACHANG-DL47 Datasheet
119Kb / 2P
   Low reverse leakage
logo
Surge Components
1N5391-1N5399 SURGE-1N5391-1N5399 Datasheet
1Mb / 2P
   Low reverse leakage
logo
DIOTEC Electronics Corp...
1N5400 DEC-1N5400_10 Datasheet
692Kb / 2P
   Low reverse leakage
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com