データシートサーチシステム |
|
CD4049UBKMSR データシート(PDF) 4 Page - Intersil Corporation |
|
CD4049UBKMSR データシート(HTML) 4 Page - Intersil Corporation |
4 / 11 page 4 FN3315.1 March 6, 2007 Input Voltage Low (Note 2) VIL VDD = 5V, VOH > 4.5V, VOL < 0.5V 1, 2, 3 +25, +125, -55 - 1.0 V Input Voltage High (Note 2) VIH VDD = 5V, VOH > 4.5V, VOL < 0.5V 1, 2, 3 +25, +125, -55 4.0 - V Input Voltage Low (Note 2) VIL VDD = 15V, VOH > 13.5V, VOL < 1.5V 1, 2, 3 +25, +125, -55 - 2.5 V Input Voltage High (Note 2) VIH VDD = 15V, VOH > 13.5V, VOL < 1.5V 1, 2, 3 +25, +125, -55 12.5 - V NOTES: 1. All voltages referenced to device GND, 100% testing being implemented. 2. Go/No Go test with limits applied to inputs. 3. For accuracy, voltage is measured differentially to VDD. Limit is 0.050V max. AC Electrical Specifications PARAMETER SYMBOL CONDITIONS (Notes 4, 5) GROUP A SUBGROUPS TEMP (°C) LIMITS UNITS MIN MAX Propagation Delay tPHL VDD = 5V, VIN = VDD or GND 9 +25 - 65 ns 10, 11 +125, -55 - 88 ns Propagation Delay tPLH VDD = 5V, VIN = VDD or GND 9 +25 - 120 ns 10, 11 +125, -55 - 162 ns Transition Time tTHL VDD = 5V, VIN = VDD or GND 9 +25 - 60 ns 10, 11 +125, -55 - 81 ns Transition Time tTLH VDD = 5V, VIN = VDD or GND 9 +25 - 160 ns 10, 11 +125, -55 - 216 ns NOTES: 4. CL = 50pF, RL = 200k, Input tR, tF < 20ns. 5. -55°C and +125°C limits guaranteed, 100% testing being implemented. Post Irradiation Electrical Performance Characteristics PARAMETER SYMBOL CONDITIONS NOTES TEMP (°C) LIMITS UNITS MIN MAX Supply Current IDD VDD = 5V, VIN = VDD or GND 6, 7 -55, +25 - 1 μA +125 - 30 μA VDD = 10V, VIN = VDD or GND 6, 7 -55, +25 - 2 μA +125 - 60 μA VDD = 15V, VIN = VDD or GND 6, 7 -55, +25 - 2 μA +125 - 120 μA Output Voltage VOL VDD = 5V, No Load 6, 7 +25, +125, -55 - 50 mV Output Voltage VOL VDD = 10V, No Load 6, 7 +25, +125, -55 - 50 mV Output Voltage VOH VDD = 5V, No Load 6, 7 +25, +125, -55 4.95 - V Output Voltage VOH VDD = 10V, No Load 6, 7 +25, +125, -55 9.95 - V DC Electrical Specifications PARAMETER SYMBOL CONDITIONS (Note 1) GROUP A SUBGROUPS TEMP (°C) LIMITS UNITS MIN MAX CD4049UBMS |
同様の部品番号 - CD4049UBKMSR |
|
同様の説明 - CD4049UBKMSR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |