データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMZ10A1 データシート(PDF) 5 Page - NXP Semiconductors

部品番号 KMZ10A1
部品情報  Magnetic field sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMZ10A1 データシート(HTML) 5 Page - NXP Semiconductors

  KMZ10A1 Datasheet HTML 1Page - NXP Semiconductors KMZ10A1 Datasheet HTML 2Page - NXP Semiconductors KMZ10A1 Datasheet HTML 3Page - NXP Semiconductors KMZ10A1 Datasheet HTML 4Page - NXP Semiconductors KMZ10A1 Datasheet HTML 5Page - NXP Semiconductors KMZ10A1 Datasheet HTML 6Page - NXP Semiconductors KMZ10A1 Datasheet HTML 7Page - NXP Semiconductors KMZ10A1 Datasheet HTML 8Page - NXP Semiconductors KMZ10A1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1998 Apr 06
5
Philips Semiconductors
Product specification
Magnetic field sensor
KMZ10A1
Fig.4
Safe Operating Area (permissible disturbing
field Hd as a component of auxiliary field Hx).
I = Region of permissible operation.
II = Permissible extension if Hy < 0.05 kA/m.
In applications with Hx < 3 kA/m, the sensor has to be reset, after
leaving the SOAR, by an auxiliary field of Hx = 3 kA/m.
handbook, halfpage
012
4
12
0
4
8
MGD807
3
Hd
(kA/m)
Hx (kA/m)
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,
I
II
II
SOAR
Hd
Hx
Hy
Fig.5
Relative sensitivity (ratio of sensitivity at
certain Hx and sensitivity at Hx = 0.5 kA/m).
In applications with Hx ≤ 3 kA/m, the sensor has to be
reset by an auxiliary field of Hx = 3 kA/m before use.
handbook, halfpage
05
1.2
0
0.4
0.8
MLC120
1
234
(H )
x
(0.5 kA/m)
H (kA/m)
x
S
S
Fig.6 Sensor output characteristics.
Hx = 0.5 kA/m; Tamb =25 °C; Voffset = 0; S = ∆VO / ∆Hy.
handbook, halfpage
–0.5
0.5
10
–10
–6
MEA558
–2
2
6
–0.3
–0.1
0.1
0.3
0
0
∆ VO
VO
(mV/V)
Hy (kA/m)
∆ Hy
Fig.7
Output characteristic with Hx =0
(switched Hx).
(1) Sensor reset with Hx = 3 kA/m.
(2) Sensor reset with Hx = −3 kA/m.
handbook, halfpage
–50
1.2
(1)
(2)
0.4
–0.4
–1.2
–30
50
MEA557
–10
10
30
–0.8
0
0.8
VO
(mV/V)
0
Hy (A/m)


同様の部品番号 - KMZ10A1

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
KMZ10A PHILIPS-KMZ10A Datasheet
69Kb / 8P
   Magnetic field sensor
1998 Mar 24
More results

同様の説明 - KMZ10A1

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
MC60-12GM50-1N PF-MC60-12GM50-1N Datasheet
208Kb / 2P
   Magnetic field sensor
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
   Magnetic field sensor
40FY36-33 PF-40FY36-33 Datasheet
119Kb / 1P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com