データシートサーチシステム |
|
TC1426 データシート(PDF) 4 Page - Microchip Technology |
|
TC1426 データシート(HTML) 4 Page - Microchip Technology |
4 / 14 page TC1426/TC1427/TC1428 DS21393C-page 4 © 2006 Microchip Technology Inc. TC1426/TC1427/TC1428 ELECTRICAL SPECIFICATIONS (CONTINUED) Electrical Characteristics: Over operating temperature range with 4.5V ≤ VDD ≤ 16V, unless otherwise noted. Symbol Parameter Min Typ Max Units Test Conditions Input VIH Logic 1, High Input Voltage 3 — — V VIL Logic 0, Low Input Voltage — — 0.8 V IIN Input Current -10 — 10 μA0V ≤ VIN ≤ VDD Output VOH High Output Voltage VDD – 0.025 — — V Figure 3-1, Figure 3-2 VOL Low Output Voltage — — 0.025 V Figure 3-1, Figure 3-2 RO Output Resistance — — 15 10 23 18 Ω IOUT = 10 mA, VDD = 16V IREV Latch-Up Current Withstand Reverse Current — >500 — mA Switching Time (Note 1) tR Rise Time — — 60 nsec Figure 3-1, Figure 3-2 tF Fall Time — — 40 nsec Figure 3-1, Figure 3-2 tD1 Delay Time — — 125 nsec Figure 3-1, Figure 3-2 tD2 Delay Time — — 125 nsec Figure 3-1, Figure 3-2 Power Supply IS Power Supply Current — — — — 13 0.7 mA VIN = 3V (Both Inputs) VIN = 0V (Both Inputs) Note 1: Switching times ensured by design. |
同様の部品番号 - TC1426_06 |
|
同様の説明 - TC1426_06 |