データシートサーチシステム |
|
AM29DL400BB-80SC データシート(PDF) 9 Page - Advanced Micro Devices |
|
AM29DL400BB-80SC データシート(HTML) 9 Page - Advanced Micro Devices |
9 / 47 page Am29DL400B 7 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Com- bination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations to check on newly released com- binations. Am29DL400B T 70 E I TEMPERATURE RANGE C = Commercial (0°C to +70°C) I = Industrial (–40 °C to +85°C) E = Extended (–55°C to +125°C) D = Commercial (0°C to +70°C) for Pb-free Package F = Industrial (-40°C to +85°C) for Pb-free Package K = Extended (-55°C to +125°C) for Pb-free Package PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) S = 44-Pin Small Outline Package (SO 044) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top sector B = Bottom sector DEVICE NUMBER/DESCRIPTION Am29DL400B 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program, and Erase Valid Combinations AM29DL400BT-70 AM29DL400BB-70 EC, EI, FC, FI, ED, EF SC, SI, SD, SF AM29DL400BT-80 AM29DL400BB-80 EC, EI, EE, ED, EF, EK FC, FI, FE, SC, SI, SE, SD, SF, SK AM29DL400BT-90 AM29DL400BB-90 AM29DL400BT-120 AM29DL400BB-120 |
同様の部品番号 - AM29DL400BB-80SC |
|
同様の説明 - AM29DL400BB-80SC |