データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29BDS643GT7MVAI データシート(PDF) 6 Page - Advanced Micro Devices

部品番号 AM29BDS643GT7MVAI
部品情報  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643GT7MVAI データシート(HTML) 6 Page - Advanced Micro Devices

Back Button AM29BDS643GT7MVAI Datasheet HTML 2Page - Advanced Micro Devices AM29BDS643GT7MVAI Datasheet HTML 3Page - Advanced Micro Devices AM29BDS643GT7MVAI Datasheet HTML 4Page - Advanced Micro Devices AM29BDS643GT7MVAI Datasheet HTML 5Page - Advanced Micro Devices AM29BDS643GT7MVAI Datasheet HTML 6Page - Advanced Micro Devices AM29BDS643GT7MVAI Datasheet HTML 7Page - Advanced Micro Devices AM29BDS643GT7MVAI Datasheet HTML 8Page - Advanced Micro Devices AM29BDS643GT7MVAI Datasheet HTML 9Page - Advanced Micro Devices AM29BDS643GT7MVAI Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
4
Am29BDS643G
25692A2 May 8, 2006
D A TA
SH EE T
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Part
Number
Am29BDS643G
Synchronous/Burst
Asynchronous
Speed Option
7G
(40 MHz)
7M
(54 MHz)
5K
(66 MHz)
Speed Option
7G/7M
5K
VCC =
1.7 – 1.9 V
Max Initial Access Time, ns
(tIACC)
95
87.5
71
Max Access Time, ns (tACC)70
55
Max Burst Access Time, ns
(tBACC)
20
13.5
11
Max CE# Access, ns (tCE)70
55
Max OE# Access, ns (tOE)
20
13.5
11
Max OE# Access, ns (tOE)20
11
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC
Detector
State
Control
Command
Register
VCC
VSS
WE#
RESET#
VPP
CE#
OE#
A/DQ0
A/DQ15
Data
Latch
Y-Gating
Cell Matrix
A/DQ0–A/DQ15
A16–A21
RDY
Buffer
RDY
Burst
State
Control
Burst
Address
Counter
PS Buffer
PS
AVD#
CLK
A0–A21


同様の部品番号 - AM29BDS643GT7MVAI

メーカー部品番号データシート部品情報
logo
SPANSION
AM29BDS643GT7MVAI SPANSION-AM29BDS643GT7MVAI Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results

同様の説明 - AM29BDS643GT7MVAI

メーカー部品番号データシート部品情報
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com