データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC3302N データシート(PDF) 3 Page - NXP Semiconductors

部品番号 MC3302N
部品情報  Quad voltage comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC3302N データシート(HTML) 3 Page - NXP Semiconductors

  MC3302N Datasheet HTML 1Page - NXP Semiconductors MC3302N Datasheet HTML 2Page - NXP Semiconductors MC3302N Datasheet HTML 3Page - NXP Semiconductors MC3302N Datasheet HTML 4Page - NXP Semiconductors MC3302N Datasheet HTML 5Page - NXP Semiconductors MC3302N Datasheet HTML 6Page - NXP Semiconductors MC3302N Datasheet HTML 7Page - NXP Semiconductors MC3302N Datasheet HTML 8Page - NXP Semiconductors MC3302N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
LM139/239/239A/339/339A/
LM2901/MC3302
Quad voltage comparator
1995 Nov 27
3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
VCC supply voltage
36 or
±18
VDC
VDIFF
Differential input voltage
36
VDC
VIN
Input voltage
–0.3 to +36
VDC
PD
Maximum power dissipation,
TA=25°C (still–air)1
F package
1190
mW
N package
1420
mW
D package
1040
mW
Output short–circuit to ground2
Continuous
IIN
Input current (VIN<–0.3VDC)3
50
mA
TA
Operating temperature range
LM139
–55 to +125
°C
LM239/239A
–25 to +85
°C
LM339/339A
0 to +70
°C
LM2901
–40 to +125
°C
MC3302
–40 to +85
°C
TSTG
Storage temperature range
–65 to +150
°C
TSOLD
Lead soldering temperature (10sec max)
300
°C
NOTES:
1.
Derate above 25
°C, at the following rates:
F Package at 9.5mW/
°C
N Package at 11.4mW/
°C
D Package at 8.3mW/
°C
2. Short circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current is approximately
20mA independent of the magnitude of V+.
3. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector–base junction of the
input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral
NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage
level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states
will reestablish when the input voltage, which was negative, again returns to a value greater than –0.3VDC.


同様の部品番号 - MC3302N

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC3302 ONSEMI-MC3302 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
MC3302 ONSEMI-MC3302 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
logo
Microchip Technology
MC3302-BI/P MICROCHIP-MC3302-BI/P Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MC3302-BI/SL MICROCHIP-MC3302-BI/SL Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MC3302-BI/ST MICROCHIP-MC3302-BI/ST Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
More results

同様の説明 - MC3302N

メーカー部品番号データシート部品情報
logo
Daewoo Semiconductor
DBL339 DAEWOO-DBL339 Datasheet
268Kb / 6P
   QUAD VOLTAGE COMPARATOR
logo
AUK corp
S339P AUK-S339P Datasheet
284Kb / 3P
   Quad Voltage Comparator
logo
Taiwan Semiconductor Co...
TS2901 TSC-TS2901 Datasheet
133Kb / 6P
   Quad Voltage Comparator
TS339 TSC-TS339 Datasheet
137Kb / 6P
   Quad Voltage Comparator
logo
AUK corp
S339 AUK-S339_1 Datasheet
297Kb / 4P
   Quad Voltage Comparator
S339P AUK-S339P_1 Datasheet
301Kb / 4P
   Quad Voltage Comparator
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339_08 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
LM339 HTC-LM339 Datasheet
132Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
logo
AUK corp
S339 AUK-S339 Datasheet
282Kb / 3P
   Quad Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com