データシートサーチシステム |
|
AM29DL320GT120WDF データシート(PDF) 5 Page - Advanced Micro Devices |
|
AM29DL320GT120WDF データシート(HTML) 5 Page - Advanced Micro Devices |
5 / 58 page Am29DL320G 3 TABLE OF CONTENTS Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Special Package Handling Instructions .......................................... 6 Pin Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Table 1. Device Bus Operations .............................................................9 Word/Byte Configuration ................................................................ 9 Requirements for Reading Array Data ........................................... 9 Writing Commands/Command Sequences .................................. 10 Simultaneous Read/Write Operations with Zero Latency ......................................................................... 10 Standby Mode .............................................................................. 10 Automatic Sleep Mode ................................................................. 10 RESET#: Hardware Reset Pin ..................................................... 11 Output Disable Mode ................................................................... 11 Table 2. Top Boot Sector Addresses ...................................................12 Table 3. Top Boot SecSi TM Sector Addresses ..................................... 13 Table 4. Bottom Boot Sector Addresses ...............................................14 Table 5. Bottom Boot SecSi TM Sector Addresses................................ 15 Autoselect Mode .......................................................................... 16 Table 6. Autoselect Codes, (High Voltage Method) .............................16 Sector/Sector Block Protection and Unprotection ........................ 17 Table 7. Top Boot Sector/Sector Block Addresses for Protection/Unprotection ...................................................................17 Table 8. Bottom Boot Sector/Sector Block Addresses for Protection/Unprotection ...................................................................17 Write Protect (WP#) ..................................................................... 18 Temporary Sector Unprotect ........................................................ 18 Figure 1. Temporary Sector Unprotect Operation................................. 18 Figure 2. In-System Sector Protection/ Sector Unprotection Algorithms ............................................................ 19 SecSi TM (Secured Silicon) Sector Flash Memory Region .................................................................. 20 Figure 3. SecSi Sector Protect Verify.................................................... 21 Hardware Data Protection ............................................................ 21 Common Flash Memory Interface (CFI) . . . . . . . 21 Table 9. CFI Query Identification String ................................................ 22 Table 10. System Interface String......................................................... 22 Table 11. Device Geometry Definition .................................................. 23 Table 12. Primary Vendor-Specific Extended Query ............................ 23 Reading Array Data ...................................................................... 24 Reset Command .......................................................................... 24 Autoselect Command Sequence .................................................. 24 Enter SecSi TM Sector/Exit SecSi Sector Command Sequence ................................................................... 25 Byte/Word Program Command Sequence ................................... 25 Figure 4. Program Operation ................................................................ 26 Chip Erase Command Sequence ................................................. 26 Sector Erase Command Sequence .............................................. 26 Erase Suspend/Erase Resume Commands ................................ 27 Figure 5. Erase Operation .................................................................... 27 Table 13. Command Definitions ........................................................... 28 DQ7: Data# Polling ...................................................................... 29 Figure 6. Data# Polling Algorithm ......................................................... 29 RY/BY#: Ready/Busy# ................................................................. 30 DQ6: Toggle Bit I .......................................................................... 30 Figure 7. Toggle Bit Algorithm .............................................................. 30 DQ2: Toggle Bit II ......................................................................... 31 Reading Toggle Bits DQ6/DQ2 .................................................... 31 DQ5: Exceeded Timing Limits ...................................................... 31 DQ3: Sector Erase Timer ............................................................. 31 Table 14. Write Operation Status ......................................................... 32 Figure 8. Maximum Negative Overshoot Waveform............................. 33 Figure 9. Maximum Positive Overshoot Waveform .............................. 33 Figure 10. I CC1 Current vs. Time (Showing Active and Automatic Sleep Currents).................................................................... 35 Figure 11. Typical I CC1 vs. Frequency................................................... 35 Figure 12. Test Setup .......................................................................... 36 Figure 13. Input Waveforms and Measurement Levels ........................ 36 Figure 14. Read Operation Timings...................................................... 37 Figure 15. Reset Timings...................................................................... 38 Word/Byte Configuration (BYTE#) ............................................... 39 Figure 16. BYTE# Timings for Read Operations .................................. 39 Figure 17. BYTE# Timings for Write Operations .................................. 39 Erase and Program Operations ................................................... 40 Figure 18. Program Operation Timings ................................................ 41 Figure 19. Accelerated Program Timing Diagram ................................ 41 Figure 20. Chip/Sector Erase Operation Timings ................................. 42 Figure 21. Back-to-back Read/Write Cycle Timings ............................. 43 Figure 22. Data# Polling Timings (During Embedded Algorithms) ....... 43 Figure 23. Toggle Bit Timings (During Embedded Algorithms) ............ 44 Figure 24. DQ2 vs. DQ6 ....................................................................... 44 Temporary Sector Unprotect ........................................................ 45 Figure 25. Temporary Sector Unprotect Timing Diagram..................... 45 Figure 26. Sector/Sector Block Protect and Unprotect Timing Diagram 46 Alternate CE# Controlled Erase and Program Operations ........... 47 Figure 27. Alternate CE# Controlled Write (Erase/Program) Operation Timings ................................................................................ 48 Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 49 TSOP And SO Pin Capacitance . . . . . . . . . . . . . . 49 Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 49 FBD063—63-ball Fine-Pitch Ball Grid Array (FBGA) 8 x 14 mm . 50 FBD048—Fine-Pitch Ball Grid Array, 6 x 12 mm ......................... 51 TS 048—Thin Small Outline Package .......................................... 52 |
同様の部品番号 - AM29DL320GT120WDF |
|
同様の説明 - AM29DL320GT120WDF |