データシートサーチシステム |
|
M410000079 データシート(PDF) 10 Page - Advanced Micro Devices |
|
M410000079 データシート(HTML) 10 Page - Advanced Micro Devices |
10 / 59 page May 13, 2002 Am41PDS3224D 9 P R E L IMINARY ORDERING INFORMATION The order number (Valid Combination) is formed by the following: Valid Combinations Valid Combinations list configurations planned to be supported in vol- ume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly re- leased combinations Am41PDS322 4 D T 10 I T TAPE AND REEL T = 7 inches S= 13 inches TEMPERATURE RANGE I = Industrial (–40 °C to +85°C) SPEED OPTION See “Product Selector Guide” on page 5 BOOT CODE SECTOR ARCHITECTURE T=Top sector B= Bottom sector PROCESS TECHNOLOGY D = 0.23 µm SRAM DEVICE DENSITY 4= 4 Mbits AMD DEVICE NUMBER/DESCRIPTION Am41PDS3224D Stacked Multi-Chip Package (MCP) Flash Memory and SRAM Am29PDS322D 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM Valid Combinations Order Number Package Marking Am41PDS3224DT10I Am41PDS3224DB10I T, S M410000077 M410000078 Am41PDS3224DT11I Am41PDS3224DB11I M410000079 M41000007A |
同様の部品番号 - M410000079 |
|
同様の説明 - M410000079 |