データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ABT573CSC データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 74ABT573CSC
部品情報  Octal D-Type Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT573CSC データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button 74ABT573CSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 9Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT573 Rev. 1.4
6
AC Operating Requirements
SOIC and SSOP package.
Extended AC Electrical Characteristics
SOIC package.
Notes:
8. This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described
switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
9. This specification is guaranteed but not tested. The limits represent propagation delay with 250pF load capacitors
in place of the 50pF load capacitors in the standard AC load. This specification pertains to single output switching
only.
10. This specification is guaranteed but not tested. The limits represent propagation delays for all paths described
switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.) with 250 pF load capacitors in place of the 50pF load
capacitors in the standard AC load.
11. The 3-STATE delay times are dominated by the RC network (500
Ω, 250pF) on the output and has been excluded
from the datasheet.
Symbol
Parameter
TA = +25°C,
VCC = +5.0V,
CL = 50pF
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fTOGGLE
Max Toggle Frequency
100
MHz
tS(H)
Set Time, HIGH or LOW Dn
to LE
1.5
1.5
ns
tS(L)
1.5
1.5
tH(H)
Hold Time, HIGH or LOW Dn
to LE
1.0
1.0
ns
tH(L)
1.0
1.0
tW(H)
Pulse Width, LE HIGH
3.0
3.0
ns
Symbol
Parameter
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 50pF,
8 Outputs
Switching(8)
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 250pF
(9)
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 250pF,
8 Outputs
Switching(10)
Units
Min.
Max.
Min.
Max.
Min.
Max.
tPLH
Propagation Delay,
Dn to On
1.5
5.2
2.0
6.8
2.0
9.0
ns
tPHL
1.5
5.2
2.0
6.8
2.0
9.0
tPLH
Propagation Delay,
LE to On
1.5
5.5
2.0
7.5
2.0
9.5
ns
tPHL
1.5
5.5
2.0
7.5
2.0
9.5
tPZH
Output Enable
Time
1.5
6.2
2.0
8.0
2.0
10.5
ns
tPZL
1.5
6.2
2.0
8.0
2.0
10.5
tPHZ
Output Disable
Time
1.0
5.5
(11)
(11)
ns
tPLZ
1.0
5.5


同様の部品番号 - 74ABT573CSC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74ABT573CSC FAIRCHILD-74ABT573CSC Datasheet
131Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
74ABT573CSCX_NL FAIRCHILD-74ABT573CSCX_NL Datasheet
131Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
More results

同様の説明 - 74ABT573CSC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com