データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74F112SJ データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 74F112SJ
部品情報  Dual JK Negative Edge-Triggered Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F112SJ データシート(HTML) 2 Page - Fairchild Semiconductor

  74F112SJ Datasheet HTML 1Page - Fairchild Semiconductor 74F112SJ Datasheet HTML 2Page - Fairchild Semiconductor 74F112SJ Datasheet HTML 3Page - Fairchild Semiconductor 74F112SJ Datasheet HTML 4Page - Fairchild Semiconductor 74F112SJ Datasheet HTML 5Page - Fairchild Semiconductor 74F112SJ Datasheet HTML 6Page - Fairchild Semiconductor 74F112SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Truth Table
H (h)
= HIGH Voltage Level
L (l)
= LOW Voltage Level
X
= Immaterial
 = HIGH-to-LOW Clock Transition
Q0(Q0) = Before HIGH-to-LOW Transition of Clock
Lower case letters indicate the state of the referenced input or output one setup time prior to the HIGH-to-LOW clock transition.
Logic Diagram
(One Half Shown)
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW Output IOH/IOL
J1, J2, K1, K2
Data Inputs
1.0/1.0
20
µA/−0.6 mA
CP1, CP2
Clock Pulse Inputs (Active Falling Edge)
1.0/4.0
20
µA/−2.4 mA
CD1, CD2
Direct Clear Inputs (Active LOW)
1.0/5.0
20
µA/−3.0 mA
SD1, SD2
Direct Set Inputs (Active LOW)
1.0/5.0
20
µA/−3.0 mA
Q1, Q2, Q1, Q2 Outputs
50/33.3
−1 mA/20 mA
Inputs
Outputs
SD
CD
CP
JK
Q
Q
LH
X
X
X
H
L
HL
X
X
X
L
H
LL
X
X
X
H
H
HH

hh
Q0
Q0
HH

lh
L
H
HH

hl
H
L
HH

ll
Q0
Q0


同様の部品番号 - 74F112SJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74F112SJ FAIRCHILD-74F112SJ Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
More results

同様の説明 - 74F112SJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS113A MOTOROLA-SN54LS113A Datasheet
140Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Hitachi Semiconductor
HD74AC112 HITACHI-HD74AC112 Datasheet
59Kb / 10P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74AC113 MOTOROLA-MC74AC113 Datasheet
188Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F113 FAIRCHILD-74F113 Datasheet
59Kb / 6P
   Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
SN54LS114A MOTOROLA-SN54LS114A Datasheet
146Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS73A MOTOROLA-SN54LS73A Datasheet
73Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN5474LS114A MOTOROLA-SN5474LS114A Datasheet
149Kb / 4P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN74LS113A MOTOROLA-SN74LS113A Datasheet
88Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com