データシートサーチシステム |
|
74LVQ244 データシート(PDF) 1 Page - Fairchild Semiconductor |
|
74LVQ244 データシート(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page © 2001 Fairchild Semiconductor Corporation DS011356 www.fairchildsemi.com February 1992 Revised June 2001 74LVQ244 Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs General Description The LVQ244 is an octal buffer and line driver designed to be employed as a memory address driver, clock driver and bus oriented transmitter or receiver which provides improved PC board density. Features s Ideal for low power/low noise 3.3V applications s Implements patented EMI reduction circuitry s Available in SOIC JEDEC, SOIC EIAJ and QSOP pack- ages s Guaranteed simultaneous switching noise level and dynamic threshold performance s Improved latch-up immunity s Guaranteed incident wave switching into 75 Ω s 4 kV minimum ESD immunity Ordering Code: Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. Logic Symbol IEEE/IEC Pin Descriptions Connection Diagram Truth Tables H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance Order Number Package Number Package Description 74LVQ244SC M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 74LVQ244SJ M20D 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74LVQ244QSC MQA20 20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide Pin Names Description OE1, OE2 3-STATE Output Enable Inputs I0–I7 Inputs O0–O7 Outputs Inputs Outputs OE1 In (Pins 12, 14, 16, 18) LL L LH H HX Z Inputs Outputs OE2 In (Pins 3, 5, 7, 9) LL L LH H HX Z |
同様の部品番号 - 74LVQ244 |
|
同様の説明 - 74LVQ244 |