データシートサーチシステム |
|
74LVQ374SJ データシート(PDF) 2 Page - Fairchild Semiconductor |
|
74LVQ374SJ データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 7 page www.fairchildsemi.com 2 Functional Description The LVQ374 consists of eight edge-triggered flip-flops with individual D-type inputs and 3-STATE true outputs. The buffered clock and buffered Output Enable are common to all flip-flops. The eight flip-flops will store the state of their individual D-type inputs that meet the setup and hold time requirements on the LOW-to-HIGH Clock (CP) transition. With the Output Enable (OE) LOW, the contents of the eight flip-flops are available at the outputs. When the OE is HIGH, the outputs go to the high impedance state. Opera- tion of the OE input does not affect the state of the flip- flops. Logic Diagram Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. |
同様の部品番号 - 74LVQ374SJ |
|
同様の説明 - 74LVQ374SJ |