データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVQ573QSC データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 74LVQ573QSC
部品情報  Low Voltage Octal Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ573QSC データシート(HTML) 1 Page - Fairchild Semiconductor

  74LVQ573QSC Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ573QSC Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ573QSC Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ573QSC Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ573QSC Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ573QSC Datasheet HTML 6Page - Fairchild Semiconductor 74LVQ573QSC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
DS011361
www.fairchildsemi.com
February 1992
Revised June 2001
74LVQ573
Low Voltage Octal Latch with 3-STATE Outputs
General Description
The LVQ573 is a high-speed octal latch with buffered com-
mon Latch Enable (LE) and buffered common Output
Enable (OE) inputs. The LVQ573 is functionally identical to
the LVQ373 but with inputs and outputs on opposite sides
of the package.
Features
s Ideal for low power/low noise 3.3V applications
s Implements patented EMI reduction circuitry
s Available in SOIC JEDEC, SOIC EIAJ, and QSOP
packages
s Guaranteed simultaneous switching noise level
and dynamic threshold performance
s Improved latch-up immunity
s Guaranteed incident wave switching into 75
s 4 kV minimum ESD immunity
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Pin Descriptions
Connection Diagram
Truth Table
H
= HIGH Voltage
L
= LOW Voltage
Z
= High Impedance
X
= Immaterial
O0 = Previous O0 before HIGH-to-LOW transition of Latch Enable
Order Number
Package Number
Package Description
74LVQ573SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVQ573SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVQ573QSC
MQA20
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
Pin Names
Description
D0–D7
Data Inputs
LE
Latch Enable Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Latch Outputs
Inputs
Outputs
OE
LE
D
On
LH
H
H
LH
L
L
LL
X
O0
HX
X
Z


同様の部品番号 - 74LVQ573QSC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVQ573QSC FAIRCHILD-74LVQ573QSC Datasheet
101Kb / 6P
   Low Voltage Octal Latch with 3-STATE Outputs
More results

同様の説明 - 74LVQ573QSC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74LVX573 FAIRCHILD-74LVX573 Datasheet
92Kb / 7P
   Low Voltage Octal Latch with 3-STATE Outputs
74LVQ573 FAIRCHILD-74LVQ573 Datasheet
101Kb / 6P
   Low Voltage Octal Latch with 3-STATE Outputs
74LVQ373 FAIRCHILD-74LVQ373 Datasheet
70Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVTH373 FAIRCHILD-74LVTH373_08 Datasheet
316Kb / 10P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVT373 FAIRCHILD-74LVT373 Datasheet
105Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVX373 ONSEMI-74LVX373 Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVX373 FAIRCHILD-74LVX373 Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVT373 ONSEMI-74LVT373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com