データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE5517 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 NE5517
部品情報  Dual operational transconductance amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5517 データシート(HTML) 7 Page - NXP Semiconductors

Back Button NE5517 Datasheet HTML 3Page - NXP Semiconductors NE5517 Datasheet HTML 4Page - NXP Semiconductors NE5517 Datasheet HTML 5Page - NXP Semiconductors NE5517 Datasheet HTML 6Page - NXP Semiconductors NE5517 Datasheet HTML 7Page - NXP Semiconductors NE5517 Datasheet HTML 8Page - NXP Semiconductors NE5517 Datasheet HTML 9Page - NXP Semiconductors NE5517 Datasheet HTML 10Page - NXP Semiconductors NE5517 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductor
Product data
NE5517/NE5517A/
AU5517
Dual operational transconductance amplifier
2002 Dec 06
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
20
0
-20
-40
-60
-80
-100
0.1
µA1µA10µA
100
µA
1000
µA
IABC AMPLIFIER BIAS CURRENT (µA)
VS = ±15V
RL = 10kΩ
OUTPUT NOISE
20kHz BW
VIN = 40mVP-P
VIN = 80mVP-P
VS = ±15V
Tamb = +25°C
CIN
COUT
7
6
5
4
3
2
1
0
0.1
µA1µA10µA
100
µA
1000
µA
AMPLIFIER BIAS CURRENT (IABC)
0.1
µA1µA10µA
100
µA
1000
µA
2000
1800
1600
1400
1200
1000
800
600
400
200
0
AMPLIFIER BIAS CURRENT (IABC)
-55
°C
+25
°C
+125
°C
100
10
1
0.1
0.01
1
10
100
1000
DIFFERENTIAL INPUT VOLTAGE (mVP-P)
600
500
400
300
200
100
0
10
100
1k
10k
100k
FREQUENCY (Hz)
IABC = 1mA
IABC = 100µA
Amplifier Bias Voltage vs
Amplifier Bias Current
Input and Output Capacitance
Distortion vs Differential
Input Voltage
Voltage vs Amplifier Bias Current
Noise vs Frequency
IABC = 1mA
RL = 10kΩ
SL00310
Figure 5. Typical Performance Characteristics (cont.)


同様の部品番号 - NE5517

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517 ONSEMI-NE5517 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
NE5517A ONSEMI-NE5517A Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517A ONSEMI-NE5517A Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
More results

同様の説明 - NE5517

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NE5517 ONSEMI-NE5517 Datasheet
187Kb / 14P
   Dual Operational Transconductance Amplifier
April, 2006 ??Rev. 3
NE5517 ONSEMI-NE5517_13 Datasheet
183Kb / 15P
   Dual Operational Transconductance Amplifier
June, 2013 ??Rev. 4
logo
NXP Semiconductors
NE5517 PHILIPS-NE5517 Datasheet
193Kb / 18P
   Dual operational transconductance amplifier
2002 Dec 06
logo
New Japan Radio
NJM13600 NJRC-NJM13600 Datasheet
294Kb / 7P
   DUAL OPERATIONAL TRANSCONDUCTANCE AMPLIFIER???
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
National Semiconductor ...
LM3080 NSC-LM3080 Datasheet
188Kb / 6P
   Operational Transconductance Amplifier
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com