データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL24006IRZ-T13 データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL24006IRZ-T13
部品情報  14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24006IRZ-T13 データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL24006IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL24006IRZ-T13 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN6110.1
March 9, 2006
The maximum power dissipation allowed in a package is
determined according to:
where:
•TJMAX = Maximum junction temperature
•TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
•PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by the IC
is the total quiescent supply current times the total power
supply voltage and plus the power in the IC due to the loads.
when sourcing, and:
when sinking.
Where:
• i = 1 to total 14
•AVDD = Supply voltage
•IAVDD = Quiescent current
•VOUTi = Output voltage of the i channel
•ILOADi = Load current of the i channel
By setting the two PDMAX equations equal to each other, we
can solve for the RLOADs to avoid the device overheat. The
package power dissipation curves provide a convenient way
to see if the device will overheat.
Power Supply Bypassing and Printed Circuit
Board Layout
Good printed circuit board layout is necessary for optimum
performance. A low impedance and clean analog ground
plane should be used for the ISL24006. The traces from the
two ground pins to the ground plane must be very short. The
thermal pad should be connected to the analog ground
plane. Lead length should be as short as possible and all
power supply pins must be well bypassed. A 0.1µF ceramic
capacitor must be placed very close to the AVDD, VREFU_H,
VREFU_L, VREFL_H, VREFL_L, and BG pins. A 4.7µF local
bypass ceramic capacitor should be placed to the AVDD,
VREFU_H, VREFU_L, VREFL_H, VREFL_L pins.
PDMAX
TJMAX TAMAX
Θ
JA
---------------------------------------------
=
PDMAX
AVDD IAVDD Σ A
(
[
VDD
VOUTi) ILOADi
×
]
+
×
=
PDMAX
AVDD IAVDD Σ VOUTiILOADi
×
()
+
×
=
ISL24006


同様の部品番号 - ISL24006IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24006IRZ-T13 INTERSIL-ISL24006IRZ-T13 Datasheet
435Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
More results

同様の説明 - ISL24006IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24006 INTERSIL-ISL24006 Datasheet
435Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
ISL24002 INTERSIL-ISL24002 Datasheet
113Kb / 6P
   14-Channel Static TFT LCD Reference Voltage Generator with 1-Channel VCOM
July 14, 2008
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
   14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
   Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
logo
Renesas Technology Corp
ISL24858 RENESAS-ISL24858 Datasheet
199Kb / 2P
   15-Channel I2C Programmable TFT-LCD Reference Voltage Generator with Integrated EEPROM, and Ultra-Low Power Operation
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com