データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28478FAZ-T7 データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL28478FAZ-T7
部品情報  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28478FAZ-T7 データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL28478FAZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28478FAZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28478FAZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28478FAZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28478FAZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28478FAZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28478FAZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28478FAZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28478FAZ-T7 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN6145.1
September 28, 2006
Pin Descriptions
FIGURE 35. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 36. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
893mW
θ
JA =
11
2°C
/W
Q
SO
P1
6
1.4
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
633mW
θ
JA =1
58°
C/W
QS
OP
16
1.2
1
0.8
0.6
0.4
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
ISL28278
(16 LD QSOP)
ISL28478
(16 LD QSOP)
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
3
1
OUT_A
Circuit 3
Amplifier A output
4
2
IN-_A
Circuit 1
Amplifier A inverting input
5
3
IN+_A
Circuit 1
Amplifier A non-inverting input
15
4
V+
Circuit 4
Positive power supply
12
5
IN+_B
Circuit 1
Amplifier B non-inverting input
13
6
IN-_B
Circuit 1
Amplifier B inverting input
14
7
OUT_B
Circuit 3
Amplifier B output
1, 2, 8, 9, 10, 16
8, 9
NC
No internal connection
10
OUT_C
Circuit 3
Amplifier C output
11
IN-_C
Circuit 1
Amplifier C inverting input
12
IN+_C
Circuit 1
Amplifier B non-inverting input
7
13
V-
Circuit 4
Negative power supply
14
IN+_D
Circuit 1
Amplifier D non-inverting input
15
IN-_D
Circuit 1
Amplifier D inverting input
16
OUT_D
Circuit 3
Amplifier D output
6EN_A
Circuit 2
Amplifier A enable pin internal pull-down; Logic “1” selects the disabled state;
Logic “0” selects the enabled state.
11
EN_B
Circuit 2
Amplifier B enable pin with internal pull-down; Logic “1” selects the disabled
state; Logic “0” selects the enabled state.
IN-
V+
V-
LOGIC
PIN
V+
V-
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1
CIRCUIT 2
IN+
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 4
ISL28278, ISL28478


同様の部品番号 - ISL28478FAZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28478FAZ INTERSIL-ISL28478FAZ Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results

同様の説明 - ISL28478FAZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com