データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28166FHZ-T7 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL28166FHZ-T7
部品情報  39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28166FHZ-T7 データシート(HTML) 1 Page - Intersil Corporation

  ISL28166FHZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28166FHZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28166FHZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28166FHZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28166FHZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28166FHZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28166FHZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28166FHZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28166FHZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6155.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL28166, ISL28266
39µA Micropower Single and Dual
Rail-to-Rail Input-Output Low Input Bias
Current (RRIO) Op Amps
The ISL28166 and ISL28266 are micropower precision
operational amplifiers optimized for single supply operation
at 5V and can operate down to 2.4V.
These devices feature an Input Range Enhancement Circuit
(IREC) which enables them to maintain CMRR performance
for input voltages greater than the positive supply. The input
signal is capable of swinging 0.5V above a 5.0V supply (0.25
for a 2.5V supply) and to within 10mV from ground. The
output operation is rail-to-rail.
The 1/f corner of the voltage noise spectrum is at 1kHz. This
results in low frequency noise performance which can only
be found on devices with an order of magnitude higher
supply current.
ISL28166 and ISL28266 can be operated from one lithium
cell or two Ni-Cd batteries. The input range includes both
positive and negative rail. The output swings to both rails.
Features
• 39µA typical supply current
• 5nA max. input bias current
• 250kHz gain bandwidth product (AV = 1)
• 2.4V to 5V single supply voltage range
• Rail-to-rail input and output
• Enable pin (ISL28166 only)
• Pb-free plus anneal available (RoHS compliant)
Applications
• Battery- or solar-powered systems
• 4mA to 20mA current loops
• Handheld consumer products
• Medical devices
• Sensor amplifiers
• ADC buffers
• DAC output amplifiers
Pinouts
ISL28166
(6 LD SOT-23)
TOP VIEW
ISL28266
(8 LD MSOP) Coming Soon
TOP VIEW
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TAPE
AND
REEL
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL28166FHZ-T7 GABY
7” (3k pcs) 6 Ld SOT-23
Tape and Reel
MDP0038
Coming Soon
ISL28266FAZ-T7
7”
8 Ld MSOP
Tape and Reel
MDP0043
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
2
3
6
4
5
+-
OUT
V-
IN+
V+
ENABLE
IN-
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
Data Sheet
February 27, 2007


同様の部品番号 - ISL28166FHZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28166FHZ-T7 INTERSIL-ISL28166FHZ-T7 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166FHZ-T7 INTERSIL-ISL28166FHZ-T7 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28166FHZ-T7 RENESAS-ISL28166FHZ-T7 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
More results

同様の説明 - ISL28166FHZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28156 RENESAS-ISL28156 Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com