データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28191 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL28191
部品情報  Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28191 データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL28191 Datasheet HTML 2Page - Intersil Corporation ISL28191 Datasheet HTML 3Page - Intersil Corporation ISL28191 Datasheet HTML 4Page - Intersil Corporation ISL28191 Datasheet HTML 5Page - Intersil Corporation ISL28191 Datasheet HTML 6Page - Intersil Corporation ISL28191 Datasheet HTML 7Page - Intersil Corporation ISL28191 Datasheet HTML 8Page - Intersil Corporation ISL28191 Datasheet HTML 9Page - Intersil Corporation ISL28191 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN6156.2
FIGURE 11. INPUT REFERRED NOISE VOLTAGE vs
FREQUENCY
FIGURE 12. INPUT REFERRED NOISE CURRENT vs
FREQUENCY
FIGURE 13. ENABLE/DISABLE TIMING
FIGURE 14. SMALL SIGNAL STEP RESPONSE_RISE AND
FALL TIME
FIGURE 15. LARGE SIGNAL STEP RESPONSE_RISE AND
FALL TIME
FIGURE 16. SUPPLY CURRENT vs TEMPERATURE VS = ±2.5V
ENABLED. RL = INF
Typical Performance Curves (Continued)
1
10
100
1k
10k
FREQUENCY (Hz)
10
100k
0.1
1
1
10
100
1k
10k
FREQUENCY (Hz)
100k
0.1
1
10
100
0
1
2
3
4
5
-1.00
0.00
1.00
2.00
3.00
4.00
ENABLE INPUT
OUTPUT
TIME (µs)
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
VIN= 1VP-P
ENABLE
DISABLE
ENABLE
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0
200
400
600
800
VIN
VOUT
TIME (ns)
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
VOUT = 100mVP-P
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
0
100
200
300
400
500
600
700
800
VIN
VOUT
TIME (ns)
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
VOUT = 1Vp-p
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 100
MEDIAN
MIN
MAX
ISL28191, ISL28291


同様の部品番号 - ISL28191

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
ISL28191 INTERSIL-ISL28191 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28191EVAL1Z RENESAS-ISL28191EVAL1Z Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL28191FHZ-T7 INTERSIL-ISL28191FHZ-T7 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results

同様の説明 - ISL28191

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Linear Technology
LTC6244 LINER-LTC6244 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LTC6244 LINER-LTC6244_15 Datasheet
364Kb / 26P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com