データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL24011 データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL24011
部品情報  High Voltage TFT-LCD Logic Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24011 データシート(HTML) 4 Page - Intersil Corporation

  ISL24011_06 Datasheet HTML 1Page - Intersil Corporation ISL24011_06 Datasheet HTML 2Page - Intersil Corporation ISL24011_06 Datasheet HTML 3Page - Intersil Corporation ISL24011_06 Datasheet HTML 4Page - Intersil Corporation ISL24011_06 Datasheet HTML 5Page - Intersil Corporation ISL24011_06 Datasheet HTML 6Page - Intersil Corporation ISL24011_06 Datasheet HTML 7Page - Intersil Corporation ISL24011_06 Datasheet HTML 8Page - Intersil Corporation ISL24011_06 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN6196.2
March 28, 2006
Pin Descriptions
PIN NUMBER
TSSOP-20
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
GND
4
Ground pin
2
IN1
1
Level shifter input 1
3
IN2
1
Level shifter input 2
4
IN3
1
Level shifter input 3
5
IN4
1
Level shifter input 4
6
IN5
1
Level shifter input 5
7
IN6
1
Level shifter input 6
8
IN7
1
Level shifter input 7
9
IN8
1
Level shifter input 8
10
VOFF
4
Negative output supply for all channels
11
VON2
4
Positive output supply for channels 7 and 8. VON2 is required to be greater than or equal to VON1
12
OUT8
3
Lever shifter output 8
13
OUT7
3
Lever shifter output 7
14
OUT6
2
Lever shifter output 6
15
OUT5
2
Lever shifter output 5
16
OUT4
2
Lever shifter output 4
17
OUT3
2
Lever shifter output 3
18
OUT2
2
Lever shifter output 2
19
OUT1
2
Lever shifter output 1
20
VON1
4
Positive output supply for channels 1 through 6. VON1 is required to be less than or equal to
VON2
IN
VON2
VOFF
VON2
VOFF
OUT
CIRCUIT 1.
CIRCUIT 2.
CIRCUIT 3.
VON1
VOFF
OUT
OUTPUTS 1-6
OUTPUTS 7-8
VOFF
VON2
ESD CLAMP
GND
VON1
CIRCUIT 4.
ISL24011


同様の部品番号 - ISL24011_06

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24011IVZ INTERSIL-ISL24011IVZ Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011IVZ RENESAS-ISL24011IVZ Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
logo
Intersil Corporation
ISL24011IVZ-T INTERSIL-ISL24011IVZ-T Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011IVZ-T RENESAS-ISL24011IVZ-T Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
More results

同様の説明 - ISL24011_06

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24011 INTERSIL-ISL24011 Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A_08 Datasheet
346Kb / 12P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A Datasheet
486Kb / 11P
   High Voltage TFT-LCD Logic Driver
ISL24010 INTERSIL-ISL24010 Datasheet
288Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
ISL24010 RENESAS-ISL24010 Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
logo
Texas Instruments
TPS65191 TI1-TPS65191 Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
TPS65193 TI-TPS65193 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High-Voltage Scan Driver for TFT-LCD
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com